Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS75 Datasheet(PDF) 1 Page - TDK Electronics

Part # SWS75
Description  Single Output General Purpose Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS75 Datasheet(HTML) 1 Page - TDK Electronics

  SWS75 Datasheet HTML 1Page - TDK Electronics SWS75 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
93
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
(1) Derate to 85% load below 100VAC input
(2) non condensing
SWS Series
Features
 Low Cost
 Power Factor Correction to EN61000-3-2
 Universal Input (85 - 265VAC)
 Input Transient Protected IEC61000-4
 Enclosed
 Global safety Approvals
 Level B EMI
Single Output General Purpose Power Supplies
Model
SWS50
SWS75
SWS100
SWS150
Input Voltage range
(1)
-
85 - 265VAC (47 - 63Hz) or 120 - 370VDC*
Inrush Current (115/230VAC)
A
20/40
16/32
Power Factor
-
Meets EN61000-3-2
Input Current (115/230VAC)
A
1.2/0.6
1.6/0.8
1.2/0.6
1.8/0.9
Temperature Coefficient
-
<0.02%/°C
Total Regulation
-
<5%
Overcurrent Protection
-
>105%, Constant Current Style
Overvoltage Protection
V
115 -135%, Cycle AC line to reset
Hold Up Time (Typ)
ms
20ms at 115VAC
Leakage Current Max.
mA
1mA (0.6mA typ@230VAC)
0.75mA (0.5mA typ@230VAC)
Remote Sense
-
Not Available
LED Indicator
-
Green LED = On
Operating Temperature
-
-10 to +70°C (See table for derating - model specific)
Storage Temperature
-
-30 to +85°C
Operating Humidity
(2)
°C
30 - 90% RH
Storage Humidity
(2)
°C
10 - 95% RH
Cooling
-
Convection
Withstand Voltage
-
Input to Ground 2kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
19.6m/s2 (10 - 55Hz (constant sweep 1 min) X, Y, Z for 1 hour)
Shock
-
< 196.1 m/s2 (20G)
Safety Agency Approvals
-
UL60950-1, CSA60950-1, EN60950-1, CE Mark, EN50178
Conducted & Radiated EMI
-
EN55011 / EN55022-B, FCC Class B, VCCI-B
Recommended EMI Filter
-
RSEL-2002W
RSEL-2003W
RSEL-2002W
RSEL-2003W
Immunity
-
EN61000-4-2,-3,-4,-5,-6,-8,-11
Weight (Typ)
g
400
480
600
750
Size (WxHxD)
in
3.62 x 1.46 x 6.26
3.7 x 1.69 x 6.69
3.78 x 1.77 x 7.4
3.9 x 2 x 7.8
Warranty
yrs
Two Years
Specifications
Key Market Segments & Applications
*Safety certified for AC input only
Not Recomended For New Designs


Similar Part No. - SWS75

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SWS75 TDK-SWS75 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
SWS75-12 TDK-SWS75-12 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
SWS75-15 TDK-SWS75-15 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
SWS75-24 TDK-SWS75-24 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
SWS75-3 TDK-SWS75-3 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - SWS75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
Single Output Regulated Power Supplies
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com