Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS151D Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS151D
Description  Radiation Hardened 8-Input Multiplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS151D Datasheet(HTML) 1 Page - Intersil Corporation

  ACS151D Datasheet HTML 1Page - Intersil Corporation ACS151D Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
November 1997
ACS151MS
Radiation Hardened 8-Input Multiplexer
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . .VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±8mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . .400
µA
• Propagation Delay
- Enable to Output . . . . . . . . . . . . . . . . . . . . . . . . . 12ns
- Input or Address to Output . . . . . . . . . . . . . . . . . 20ns
Applications
• Sensor Input Selection
• Data Routing
• High Frequency Switching
Description
The Radiation Hardened ACS151MS is an 8-Channel Multi-
plexer having three binary control inputs and an active low
enable input. The three binary input signals select the input
from 1 of 8 channels.
Complementary data outputs are provided for ease of system
design. If the enable input is high, the input signals are disre-
garded, the Y output is set high and the Y output is set low. All
inputs and outputs are buffered and are designed for balanced
propagation delay and transition times.
The ACS151MS is fabricated on a CMOS Silicon on Sapphire
(SOS) process, which provides an immunity to Single Event
Latch-up and the capability of highly reliable performance in
any radiation environment. These devices offer significant
power reduction and faster performance when compared to
ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS151 are
contained in SMD 5962-97640. A “hot-link” is provided
on our homepage with instructions for downloading.
http://www.intersil.com/data/sm/index.htm
Ordering Information
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962F9764001VEC
ACS151DMSR-02
-55 to 125
16 Ld SBDIP
CDIP2-T16
N/A
ACS151D/Sample-02
25
16 Ld SBDIP
CDIP2-T16
5962F9764001VXC
ACS151KMSR-02
-55 to 125
16 Ld Flatpack
CDFP4-F16
N/A
ACS151K/Sample-02
25
16 Ld Flatpack
CDFP4-F16
N/A
ACS151HMSR-02
25
Die
N/A
Pinouts
ACS151 (SBDIP)
TOP VIEW
ACS151 (FLATPACK)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I3
I2
I1
I0
Y
Y
GND
E
VCC
I5
I6
I7
S0
S1
S2
I4
I3
I2
I1
I0
Y
Y
E
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
I4
I5
I6
I7
S0
S1
S2
File Number
4430
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS151D

ManufacturerPart #DatasheetDescription
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150 ABB-ACS150 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
ACS150-01E-06A7-2 ABB-ACS150-01E-06A7-2 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
More results

Similar Description - ACS151D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS157MS INTERSIL-ACS157MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Non-Inverting Multiplexer
December 1997
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
Radiation Hardened 8-Bit Input/Output Port
August 2000
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com