Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS161MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS161MS
Description  Radiation Hardened 4-Bit Synchronous Counter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS161MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACS161MS Datasheet HTML 1Page - Intersil Corporation ACS161MS Datasheet HTML 2Page - Intersil Corporation ACS161MS Datasheet HTML 3Page - Intersil Corporation ACS161MS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ACS161MS
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2240mm x 2240mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
±1.125kÅ
Metal 2 Thickness: 9k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
110
µm x 110µm
4.3 mils x 4.3 mils
Metallization Mask Layout
ACS161MS
MR
VCC
TC
(1)
(16)
(15)
CP
(2)
P0 (3)
P1 (4)
P2 (5)
P3 (6)
(8)
(7)
(9)
PE
GND
SPE
(10)
TE
(14) Q0
(13) Q1
(12) Q2
(11) Q3
Spec Number
518818



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com