Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS20MS Datasheet(PDF) 2 Page - Intersil Corporation

Part # ACS20MS
Description  Radiation Hardened Dual 4-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS20MS Datasheet(HTML) 2 Page - Intersil Corporation

  ACS20MS Datasheet HTML 1Page - Intersil Corporation ACS20MS Datasheet HTML 2Page - Intersil Corporation ACS20MS Datasheet HTML 3Page - Intersil Corporation ACS20MS Datasheet HTML 4Page - Intersil Corporation ACS20MS Datasheet HTML 5Page - Intersil Corporation ACS20MS Datasheet HTML 6Page - Intersil Corporation ACS20MS Datasheet HTML 7Page - Intersil Corporation ACS20MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Specifications ACS20MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±50mA
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
(All Voltages Reference to VSS)
Thermal Impedance
θ
JA
θ
JC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
74oC/W
24oC/W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . .
116oC/W
30oC/W
Maximum Package Power Dissipation at +125oC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4W
Maximum Device Power Dissipation . . . . . . . . . . . . . . . . . . .(TBD)W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Time at 4.5V VCC (TR, TF) . . . . . . . 10ns/ V Max
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . VCC to 70% of VCC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . .0V to 30% of VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
5
µA
2, 3
+125oC, -55oC
-
100
µA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V, (Note 2)
1
+25oC
-12
-
mA
2, 3
+125oC, -55oC-8
-
mA
Output Current
(Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V,
(Note 2)
1
+25oC12
-
mA
2, 3
+125oC, -55oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOH = -50
µA
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = -50
µA
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOL = 50
µA
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOL = 50
µA
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Input Leakage
Current
IIN
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±1.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, (Note 3)
7, 8A, 8B
+25oC, +125oC, -55oC-
-
V
NOTES:
1. All voltages referenced to device GND.
2. Force/Measure functions may be interchanged.
3. For functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
Spec Number
518815



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com