Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS253MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS253MS
Description  Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS253MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS253MS Datasheet HTML 1Page - Intersil Corporation ACS253MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
November 1997
ACS253MS
Radiation Hardened
Dual 4-Input Multiplexer with Three-State Outputs
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . .VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±8mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . . 400
µs
• Propagation Delay
- Enable to Output . . . . . . . . . . . . . . . . . . . . . . . . . 12ns
- Input or Address to Output . . . . . . . . . . . . . . . . . 15ns
Applications
• Digital Channel Selection
• Data Routing
• High Frequency Switching
Description
The Radiation Hardened ACS253MS is a Dual 4-Channel Mul-
tiplexer having two common binary control inputs for selecting 1
of 4 data channels. All inputs and outputs are buffered and are
designed for balanced propagation delay and transition times.
Separate Output Enable inputs are provided to ease system
design. When OE1 or OE2 are set HIGH, the corresponding
output is configured into a high impedance state.
The ACS253MS is fabricated on a CMOS Silicon on Sapphire
(SOS) process, which provides an immunity to Single Event
Latch-up and the capability of highly reliable performance in
any radiation environment. These devices offer significant
power reduction and faster performance when compared to
ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS253 are
contained in SMD 5962-98007. A “hot-link” is provided
on our homepage with instructions for downloading.
http://www.intersil.com/data/sm/index.htm
Ordering Information
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962F9800701VEC
ACS253DMSR-02
-55 to 125
16 Ld SBDIP
CDIP2-T16
N/A
ACS253D/Sample-02
25
16 Ld SBDIP
CDIP2-T16
5962F9800701VXC
ACS253KMSR-02
-55 to 125
16 Ld Flatpack
CDFP4-F16
N/A
ACS253K/Sample-02
25
16 Ld Flatpack
CDFP4-F16
N/A
ACS253HMSR-02
25
Die
N/A
Pinouts
ACS253 (SBDIP)
TOP VIEW
ACS253 (FLATPACK)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1OE
S1
1I3
1I2
1I1
1I0
GND
1Y
VCC
S0
2I3
2I2
2I1
2I0
2Y
2OE
1OE
S1
1I3
1I2
1I1
1I0
1Y
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
2OE
S0
2I3
2I2
2I1
2I0
2Y
File Number
4428
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS253MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS257D INTERSIL-ACS257D Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
ACS257DMSR-02 INTERSIL-ACS257DMSR-02 Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
ACS257HMSR-02 INTERSIL-ACS257HMSR-02 Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
ACS257K INTERSIL-ACS257K Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
ACS257KMSR-02 INTERSIL-ACS257KMSR-02 Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
More results

Similar Description - ACS253MS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Intersil Corporation
ACS257MS INTERSIL-ACS257MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Texas Instruments
CD74AC253 TI-CD74AC253_07 Datasheet
428Kb / 15P
Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
Renesas Technology Corp
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com