Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T24CAY Datasheet(PDF) 8 Page - STMicroelectronics

Part # SM6T24CAY
Description  Automotive 600 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T24CAY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SM6T24CAY Datasheet HTML 4Page - STMicroelectronics SM6T24CAY Datasheet HTML 5Page - STMicroelectronics SM6T24CAY Datasheet HTML 6Page - STMicroelectronics SM6T24CAY Datasheet HTML 7Page - STMicroelectronics SM6T24CAY Datasheet HTML 8Page - STMicroelectronics SM6T24CAY Datasheet HTML 9Page - STMicroelectronics SM6T24CAY Datasheet HTML 10Page - STMicroelectronics SM6T24CAY Datasheet HTML 11Page - STMicroelectronics SM6T24CAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application and design guidelines
SM6TY
8/12
Doc ID 17741 Rev 3
2
Application and design guidelines
More information is available in the ST Application note AN2689 “Protection of automotive
electronics from electrical hazards, guidelines for design and component selection”.
3
Ordering information scheme
Figure 16.
Ordering information scheme
SM
6 T XX
CA Y
Surface mount
Peak pulse power
Breakdown voltage
Types
Automotive grade
6 = 600 W Transil in SMB
30 = 30 V
CA = Bidirectional
A = Unidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com