Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T33CAY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM6T33CAY
Description  Automotive 600 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T33CAY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SM6T33CAY Datasheet HTML 3Page - STMicroelectronics SM6T33CAY Datasheet HTML 4Page - STMicroelectronics SM6T33CAY Datasheet HTML 5Page - STMicroelectronics SM6T33CAY Datasheet HTML 6Page - STMicroelectronics SM6T33CAY Datasheet HTML 7Page - STMicroelectronics SM6T33CAY Datasheet HTML 8Page - STMicroelectronics SM6T33CAY Datasheet HTML 9Page - STMicroelectronics SM6T33CAY Datasheet HTML 10Page - STMicroelectronics SM6T33CAY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM6TY
Characteristics
Doc ID 17741 Rev 3
7/12
Figure 10.
Junction capacitance versus reverse
applied voltage for unidirectional
types (typical values)
Figure 11.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
C(pF)
10
100
1000
10000
1
10
100
1000
SM6T6V8AY
SM6T30AY
SM6T82AY
F = 1 Mhz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V (V)
R
100
1000
10000
1
10
100
1000
C(pF)
SM6T6V8CAY
SM6T30CAY
SM6T82CAY
F = 1 Mhz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V (V)
R
Figure 12.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead
Zth (j-a)/Rth (j-a)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Recommended pad layout
Printed circuit board FR4, copper thickness = 35 µm
s
tp
R
th(j-a) (°C/W)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Printed circuit board FR4,
copper thickness = 35 µm
SCu(cm²)
Figure 14.
Leakage current versus junction
temperature (typical values)
Figure 15.
Peak forward voltage drop versus
peak forward current
(typical values)
I
R (nA)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V
R=VRM
V
RM ≥ 10 V
V
R=VRM
V
RM < 10 V
T (° C)
j
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
FM(A)
T
j =25 °C
T
j =125 °C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com