Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA749313TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA749313TR
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA749313TR Datasheet HTML 1Page - STMicroelectronics TDA749313TR Datasheet HTML 2Page - STMicroelectronics TDA749313TR Datasheet HTML 3Page - STMicroelectronics TDA749313TR Datasheet HTML 4Page - STMicroelectronics TDA749313TR Datasheet HTML 5Page - STMicroelectronics TDA749313TR Datasheet HTML 6Page - STMicroelectronics TDA749313TR Datasheet HTML 7Page - STMicroelectronics TDA749313TR Datasheet HTML 8Page - STMicroelectronics TDA749313TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
November 2010
Doc ID 14570 Rev 6
1/30
30
TDA7493
3-watt + 3-watt dual BTL class-D audio amplifier
Features
3.0 W + 3.0 W of continuous output power with
RL =4 Ω, THD = 10%, VCC = 5 V (filterless)
2.8 W + 2.8 W of continuous output power with
RL =4 Ω, THD = 10%, VCC = 5 V (with filter)
Single supply voltage range 3.0 V to 5.5 V
High efficiency (
η = 83%)
Four selectable, fixed gain settings of
6 dB, 12 dB, 15.6 dB and 18 dB
Differential inputs minimize common-mode
noise
Filterless operation
Standby feature
Short-circuit protection
Thermal-overload protection
Externally synchronizable
Description
The TDA7493 is a dual BTL class-D audio
amplifier, specially designed for LCD TV, LCD
monitors or small speakers on cradles with
single-supply operation.
The filterless operation allows the external
component count to be reduced.
The TDA7493 is assembled in the HTSSOP24
package. Thanks to the high efficiency and to the
exposed-pad-down (EPD) package no separate
heatsink is required.
HTSSOP24 package with exposed pad down
Table 1.
Device summary
Order codes
Operating temperature
range
Package
Packaging
TDA7493
0 to 70 °C
HTSSOP24 (EPD)
Tube
TDA749313TR
0 to 70 °C
HTSSOP24 (EPD)
Tape and reel
www.st.com


Similar Part No. - TDA749313TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
More results

Similar Description - TDA749313TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
100-watt 100-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 20P
160-watt 160-watt dual BTL class-D audio amplifier
12-Dec-2011
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com