Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS573MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS573MS
Description  Radiation Hardened Octal Three-State Transparent Latch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS573MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACS573MS Datasheet HTML 1Page - Intersil Corporation ACS573MS Datasheet HTML 2Page - Intersil Corporation ACS573MS Datasheet HTML 3Page - Intersil Corporation ACS573MS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ACS573MS
Die Characteristics
DIE DIMENSIONS:
102 mils x 102 mils
2,600mm x 2,600mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
±1.125kÅ
Metal 2 Thickness: 9k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm
Metallization Mask Layout
ACS573MS
(16) Q3
NC
D2 (4)
(14) Q5
(15) Q4
D3 (5)
NC
D4 (6)
NC
D5 (7)
(17) Q2
NC
Spec Number
518893



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com