Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS30D Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS30D
Description  Radiation Hardened 8-Input NAND Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS30D Datasheet(HTML) 1 Page - Intersil Corporation

  ACS30D Datasheet HTML 1Page - Intersil Corporation ACS30D Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4759
ACS30MS
Radiation Hardened 8-Input NAND Gate
The Radiation Hardened ACS30MS is an 8-Input NAND
Gate. A HIGH level on all inputs results in a LOW level on
the Y output. A LOW level on any input results in a HIGH
level on the Y output. All inputs are buffered and the
outputs are designed for balanced propagation delay and
transition times.
The ACS30MS is fabricated on a CMOS Silicon on
Sapphire (SOS) process, which provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment. These devices
offer significant power reduction and faster performance
when compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS30MS are
contained in SMD 5962-98631. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/spaceselect.htm
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under Any Conditions
- Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . . 5.0
µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 16ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MARKETING
NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9863101VCC
ACS30DMSR-03
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS21D/SAMPLE-03
ACS30D/SAMPLE-03
25
14 Ld SBDIP
CDIP2-T14
5962F9863101VXC
ACS30KMSR-03
-55 to 125
14 Ld Flatpack
CDFP3-F14
ACS21K/SAMPLE-03
ACS30K/SAMPLE-03
25
14 Ld Flatpack
CDFP3-F14
5962F9863101V9A
ACS30HMSR-03
25
Die
NA
Pinouts
ACS30MS
(SBDIP)
TOP VIEW
ACS30MS
(FLATPACK)
TOP VIEW
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
Data Sheet
July 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS30D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
ACS302-5T3 STMICROELECTRONICS-ACS302-5T3 Datasheet
120Kb / 7P
THREE LINES AC SWITCH ARRAY
Jan-2003
logo
Kersemi Electronic Co.,...
ACS302-5T3 KERSEMI-ACS302-5T3 Datasheet
456Kb / 7P
THREE LINES AC SWITCH ARRAY
logo
STMicroelectronics
ACS302-6T3 STMICROELECTRONICS-ACS302-6T3 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
More results

Similar Description - ACS30D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com