Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A16N16MPP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # A16N16MPP
Description  PERFORATED PANELS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A16N16MPP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A16N16MPP Datasheet HTML 5Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 6Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 7Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 8Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 9Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 10Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 11Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 12Page - List of Unclassifed Manufacturers A16N16MPP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
9
Panels for large Bulletin a27, a28, a28s4 and a34 multi-door enclosures
Extra panels for large enclosures (Bulletins A27, A28, A28S4 and A34) can be ordered for panel assembly prior to receiving the enclosures
(enclosures include panels). Panels are 10 gauge steel with .80-in. (20-mm) flanges on four sides. Finish is white polyester powder paint
or a conductive, corrosion-resistant coating. Two extra holes are provided for lifting and installing panels. Mounting hardware included
with enclosure.
Bulletin: pnlFS
Catalog Number
Finish
Panel Size
D x E (in.)
Panel Size
D x E (mm)
Number
of Holes
Fits
Enclosure
Height
A72PM28
Painted steel
60.00 x 21.75
1524 x 552
8
72 in.
A72PM28G
Conductive
60.00 x 21.75
1524 x 552
8
72 in.
A72PM34
Painted steel
60.00 x 27.75
1524 x 705
8
72 in.
A72PM34G
Conductive
60.00 x 27.75
1524 x 705
8
72 in.
A72PM40
Painted steel
60.00 x 33.75
1524 x 857
8
72 in.
A72PM40G
Conductive
60.00 x 33.75
1829 x 857
8
72 in.
A72PM54
Painted steel
60.00 x 48.00
1524 x 1219
10
72 in.
A72PM54G
Conductive
60.00 x 48.00
1524 x 1219
10
72 in.
A72PM66
Painted steel
60.00 x 60.00
1524 x 1524
10
72 in.
A72PM66G
Conductive
60.00 x 60.00
1524 x 1524
10
72 in.
A72PM78
Painted steel
60.00 x 72.00
1524 x 1829
12
72 in.
A72PM78G
Conductive
60.00 x 72.00
1524 x 1829
12
72 in.
A84PM40
Painted steel
72.00 x 33.75
1829 x 857
8
84 in.
A84PM40G
Conductive
72.00 x 33.75
1829 x 857
8
84 in.
A84PM78
Painted steel
72.00 x 72.00
1829 x 1829
12
84 in.
A84PM78G
Conductive
72.00 x 72.00
1829 x 1829
12
84 in.
A86PM37
Painted steel
78.00 x 34.00
1981 x 864
8
86 in.
A86PM37G
Conductive
78.00 x 34.00
1981 x 864
8
86 in.
A86PM75
Painted steel
78.00 x 70.00
1981 x 1778
12
86 in.
A86PM75G
Conductive
78.00 x 70.00
1981 x 1778
12
86 in.
A90PM40
Painted steel
78.00 x 33.75
1981 x 857
8
90 in.
A90PM40G
Conductive
78.00 x 33.75
1981 x 857
8
90 in.
A90PM78
Painted steel
78.00 x 72.00
1981 x 1829
12
90 in.
A90PM78G
Conductive
78.00 x 72.00
1981 x 1829
12
90 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com