Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS125D Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACTS125D
Description  Radiation Hardened Quad Buffer, Three-State
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS125D Datasheet(HTML) 3 Page - Intersil Corporation

  ACTS125D Datasheet HTML 1Page - Intersil Corporation ACTS125D Datasheet HTML 2Page - Intersil Corporation ACTS125D Datasheet HTML 3Page - Intersil Corporation ACTS125D Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ACTS125MS
Die Characteristics
DIE DIMENSIONS:
88 x 88 (mils)
2.24 x 2.24 (mm)
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
± 1.125kÅ
Metal 2 Thickness: 9k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 x 4.3 (mils)
> 110 x 110
(µm)
Metallization Mask Layout
ACTS125MS
OE1
A1
(12) A4
NC
Y1 (3)
(11) Y4
(10) OE3
OE2 (4)
NC
A2 (5)
(2)
(1)
OE4
VCC
(14)
(13)
Y3
(8)
A3
(9)
GND
(7)
Y2
(6)
Spec Number
518826



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com