Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS240MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS240MS
Description  High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS240MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS240MS Datasheet HTML 1Page - Intersil Corporation ACTS240MS Datasheet HTML 2Page - Intersil Corporation ACTS240MS Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
ACTS240MS
High Reliability, Radiation Hardened
Octal Buffer/Line Driver, Three-State
Pinouts
20 PIN CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR CDIP2-T20,
LEAD FINISH C
TOP VIEW
20 PIN CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR CDFP4-F20,
LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
AEN
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BEN
BI3
AO3
BI2
AO4
BI1
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
AEN
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BEN
BI3
AO3
BI2
AO4
BI1
Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are Contained in
SMD# 5962-96717 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day
(Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current
≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . 17.5ns (Max), 12ns (Typ)
Description
The Intersil ACTS240MS is a Radiation Hardened High Reliability, High-
Speed CMOS/SOS having two active low enable inputs.
The ACTS240MS utilizes advanced CMOS/SOS technology to achieve
high-speed operation. This device is a member of a radiation hardened,
high-speed, CMOS/SOS Logic Family.
The ACTS240MS is supplied in a 20 lead Ceramic Flatpack (K suffix) or
a Dual-In-Line Ceramic Package (D suffix).
January 1996
Spec Number
518783
File Number
3186.1
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9671701VRC
-55oC to +125oC
MIL-PRF-38535 Class V
20 Lead SBDIP
5962F9671701VXC
-55oC to +125oC
MIL-PRF-38535 Class V
20 Lead Ceramic Flatpack
ACTS240D/Sample
25oC
Sample
20 Lead SBDIP
ACTS240K/Sample
25oC
Sample
20 Lead Ceramic Flatpack
ACTS240HMSR
25oC
Die
Die


Similar Part No. - ACTS240MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACTS240MS RENESAS-ACTS240MS Datasheet
208Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State
Jan 13, 2017
More results

Similar Description - ACTS240MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
ACTS240MS RENESAS-ACTS240MS Datasheet
208Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State
Jan 13, 2017
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com