Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS245MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACTS245MS
Description  Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS245MS Datasheet(HTML) 3 Page - Intersil Corporation

  ACTS245MS Datasheet HTML 1Page - Intersil Corporation ACTS245MS Datasheet HTML 2Page - Intersil Corporation ACTS245MS Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ACTS245MS
Die Characteristics
DIE DIMENSIONS:
96 mils x 117 mils
2.44 x 2.97 mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
±1.125kÅ
Metal 2 Thickness: 9k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
110
µm x 110µm
4.4 mils x 4.4 mils
Metallization Mask Layout
ACTS245MS
DIR
A0
A1 (3)
A2 (4)
A3 (5)
A4 (6)
A5 (7)
A6 (8)
(10)
(11)
(12)
(13) B5
(14) B4
(15) B3
(16) B2
(17) B1
(18) B0
OE
VCC
(9)
(19)
(20)
(1)
(2)
A7
GND
B7
B6
(10)
GND
VCC
(20)
Spec Number
518785



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com