Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB815 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB815
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB815 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB815_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB815_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB815_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB815
■
Typical Characterisitics
100
10
2 3
5
1.0
2 3
5
1000
2 3
5
2 3
5
10
2
3
5
1.0
2
3
5
7
5
7
0
--100
--200
--300
--400
--500
--600
--700
--800
0
--0.1
--0.2
--0.3
--0.4
--0.5
IB=0
1.0
2
3
5
7
10
2
3
5
--30mA
--10mA
--2mA
--1mA
--6mA
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
Base-to-Emitter Voltage, VBE -- V
IB -- VBE
10
100
2
3
5
7
1000
2
3
5
7
10
1.0
2
3
5
7
100
2
3
5
7
10
100
2
3
5
7
1000
2
3
5
7
(For PNP, minus sign is omitted.)
2SB815
2SB815
2SB815
2SB815
VCE=5V
VCE=10V
VCE=2V
f=1MHz
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
fT -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
100
10
2 3
5
1.0
2 3
5
1000
2 3
5
1000
2
3
5
100
10000
2
3
5
2
3
5
10
5
IC / IB=10
2SB815
(For PNP, minus sign is omitted.)
Collector Current, IC -- mA
VCE(sat) -- IC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com