Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6520 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6520
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6520 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6520 Datasheet HTML 4Page - STMicroelectronics L6520 Datasheet HTML 5Page - STMicroelectronics L6520 Datasheet HTML 6Page - STMicroelectronics L6520 Datasheet HTML 7Page - STMicroelectronics L6520 Datasheet HTML 8Page - STMicroelectronics L6520 Datasheet HTML 9Page - STMicroelectronics L6520 Datasheet HTML 10Page - STMicroelectronics L6520 Datasheet HTML 11Page - STMicroelectronics L6520 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
L6520, L6521
8/19
Doc ID 16998 Rev 3
tLEB
HBCS
Leading edge time after LSD
turn on
(4), T
AMB = 25 °C
255
ns
End of life
VEOL
EOL
EOL pin biasing voltage
reference
2.43
2.5
2.57
V
VEOL_H
EOL
EOL upper threshold
3.84
4
4.16
V
VEOL_l
EOL
EOL lower threshold
0.96
1
1.04
V
IEOL
EOL
Sink/source capability
VEOL = 1.5V (source)
VEOL = 3.5V (sink)
8.2
9.1
10
µA
tEOL
EOL
Protection delay time
(4), T
AMB = 25 °C
1.5
s
1.
During the operation at Vcc
≥ Vz the maximum supply current must be limited to 2mA.
2.
Guaranteed by characterization.
3.
tDEAD is the sum of a fixed time, generated by internal logic and the propagation delay of PWM_det comparator.
4.
Guaranteed by testing logic verification.
Table 5.
Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com