Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7652 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7652 Datasheet HTML 6Page - Analog Devices AD7652 Datasheet HTML 7Page - Analog Devices AD7652 Datasheet HTML 8Page - Analog Devices AD7652 Datasheet HTML 9Page - Analog Devices AD7652 Datasheet HTML 10Page - Analog Devices AD7652 Datasheet HTML 11Page - Analog Devices AD7652 Datasheet HTML 12Page - Analog Devices AD7652 Datasheet HTML 13Page - Analog Devices AD7652 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7652
Pin No.
Mnemonic
Type1
Description
45
TEMP
AO
Temperature Sensor Voltage Output.
46
REFBUFIN
AI/O
Reference Input Voltage. The reference output and the reference buffer input.
47
PDREF
DI
This pin allows the choice of internal or external voltage references. When LOW, the on-chip reference
is turned on. When HIGH, the internal reference is switched off and an external reference must be
used.
48
PDBUF
DI
This pin allows the choice of buffering an internal or external reference with the internal buffer. When
LOW, the buffer is selected. When HIGH, the buffer is switched off.
1AI = Analog Input; AI/O = Bidirectional Analog; AO = Analog Output; DI = Digital Input; DI/O = Bidirectional Digital; DO = Digital Output; P = Power.
Rev. 0 | Page 10 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com