Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2312 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2312 Datasheet HTML 1Page - RF Micro Devices RF2312 Datasheet HTML 2Page - RF Micro Devices RF2312 Datasheet HTML 3Page - RF Micro Devices RF2312 Datasheet HTML 4Page - RF Micro Devices RF2312 Datasheet HTML 5Page - RF Micro Devices RF2312 Datasheet HTML 6Page - RF Micro Devices RF2312 Datasheet HTML 7Page - RF Micro Devices RF2312 Datasheet HTML 8Page - RF Micro Devices RF2312 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3-4
RF2312
Rev C6 051025
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (75
Ω Push-Pull)
T=25°C, VCC=9V or 24V, 75Ω System,
RFIN=-10dBm
Frequency Range
DC to 150
MHz
Gain
15
dB
Noise Figure
5.0
dB
From 5MHz to 150MHz, -30°C to +70°C.
Input VSWR
1.1:1
Output VSWR
1.2:1
Output IP2
+71
dBm
At 10MHz
+72
dBm
At 30MHz
+74
dBm
At 50MHz
Output IP3
+40
dBm
At 10MHz
+40
dBm
At 30MHz
+40
dBm
At 50MHz
Second Harmonic
-73
dBc
At 10MHz
-65
dBc
At 30MHz
-65
dBc
At 50MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com