Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3028AM96 Datasheet(PDF) 10 Page - Intersil Corporation

Part # CA3028AM96
Description  Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3028AM96 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CA3028AM96 Datasheet HTML 2Page - Intersil Corporation CA3028AM96 Datasheet HTML 3Page - Intersil Corporation CA3028AM96 Datasheet HTML 4Page - Intersil Corporation CA3028AM96 Datasheet HTML 5Page - Intersil Corporation CA3028AM96 Datasheet HTML 6Page - Intersil Corporation CA3028AM96 Datasheet HTML 7Page - Intersil Corporation CA3028AM96 Datasheet HTML 8Page - Intersil Corporation CA3028AM96 Datasheet HTML 9Page - Intersil Corporation CA3028AM96 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Glossary of Terms
AGC Bias Current - The current drawn by the device from
the AGC voltage source, at maximum AGC voltage.
AGC Range - The total change in voltage gain (from
maximum gain to complete cutoff) which may be achieved by
application of the specified range of dc voltage to the AGC
input terminal of the device.
Common Mode Rejection Ratio - The ratio of the full
differential voltage gain to the common mode voltage gain.
Power Dissipation - The total power drain of the device with
no signal applied and no external load current.
Input Bias Current - The average value (one half the sum)
of the currents at the two input terminals when the quiescent
operating voltages at the two output terminals are equal.
Input Offset Current - The difference in the currents at the
two input terminals when the quiescent operating voltages at
the two output terminals are equal.
Input Offset Voltage - The difference in the DC voltages
which must be applied to the input terminals to obtain equal
quiescent operating voltages (zero output offset voltage) at
the output terminals.
Noise Figure - The ratio of the total noise power of the
device and a resistive signal source to the noise power of the
signal source alone, the signal source representing a
generator of zero impedance in series with the source
resistance.
Power Gain - The ratio of the signal power developed at
the output of the device to the signal power applied to the
input, expressed in dB.
Quiescent Operating Current - The average (DC) value of
the current in either output terminal.
Voltage Gain - The ratio of the change in output voltage at
either output terminal with respect to ground, to a change in
input voltage at either input terminal with respect to ground,
with the other input terminal at AC ground.
FIGURE 30. TRANSFER CHARACTERISTICS (CASCODE
CONFIGURATION)
FIGURE 31. TRANSFER CHARACTERISTICS (DIFFERENTIAL
AMPLIFIER CONFIGURATION)
Typical Performance Curves (Continued)
VCC = +12V
VCC = +9V
INPUT VOLTAGE (V)
0
0.15
0.05
0.1
0
1
2
3
4
5
CASCODE CONFIGURATION
TA = 25
oC, f = 10.7MHz
DIFFERENTIAL AMPLIFIER CONFIGURATION
TA = 25
oC, f = 10.7MHz
0.15
2.5
VCC = +12V
VCC = +9V
INPUT VOLTAGE (V)
0.1
0.05
0
0.5
1.0
1.5
2.0
3.0
CA3028A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com