Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C36 Datasheet(PDF) 13 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 13 Page - Exar Corporation

Back Button ST78C36 Datasheet HTML 9Page - Exar Corporation ST78C36 Datasheet HTML 10Page - Exar Corporation ST78C36 Datasheet HTML 11Page - Exar Corporation ST78C36 Datasheet HTML 12Page - Exar Corporation ST78C36 Datasheet HTML 13Page - Exar Corporation ST78C36 Datasheet HTML 14Page - Exar Corporation ST78C36 Datasheet HTML 15Page - Exar Corporation ST78C36 Datasheet HTML 16Page - Exar Corporation ST78C36 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ST78C36/36A
13
REV. 5.1.0
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
4.7.2
DMA
DMA cycles occur only between the host and the FIFO data port (address 400) for PPF, ECP, or TST modes.
The selected DRQ(1, 2, or 3) will be driven high if ECR bit 3 (DMA) is high and ECR bit 2 (SI) is low when
{PDIR = 0 and FIFO-F = 0} or {PDIR = 1 and FIFO-E = 0} or TST mode is active.
When the selected D-ACK(1, 2, or 3) is low, -IOW will transfer host data to the FIFO and -IOR will transfer FIFO
data to the host.
The selected DRQ will be driven low to terminate the DMA channel when {PDIR = 0 and FIFO-F = 1} or {PDIR
= 1 and FIFO-E = 1} or ECR bit 2 (SI) goes high (interrupt condition 4 above) or more than 32 consecutive
DMA data cycles (read or write) have occurred.
FIFO-F and FIFO-E terminated cycles will automatically restart when their state returns low. Consecutive cycle
termination will automatically restart because the counter is reset when the selected D-ACK goes high. TC
terminated cycles can only be restarted by the host setting ECR bit 2 (SI) low again.
4.7.3
RLE
The module does not support RLE compression (indicated by the “0” in CONF-B bit 7) but is required to
support RLE de-compression.
The host may send compressed data to the peripheral by writing the RLE length byte (bit 7 = 0) to address 000
(NOTE: DMA cannot be used for this byte) which will place a zero into the FIFO tag bit. This must be followed
immediately by the data byte being written to the FIFO at address 400. These bytes will be transferred to the
peripheral in the normal manner.
De-compression takes place if PDIR = 1 when data is read from the FIFO at address 000, 400 or DMA. When
a byte is read from the FIFO, bits 0-6 (length) are placed in a counter if data bit-7 and the FIFO tag bit are both
low. The subsequent byte in the FIFO (data) is presented to the host count + 1 times before the FIFO read
pointer is advanced.
TABLE 5: INTERNAL REGISTERS DESCRIPTION
0
0
0
0
Data Port ,
ECP-AFIFO
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
0
0
0
1
DSR
BUSY
-ACK
PE
SLCT
ERROR
1
1
1
0
0
1
0
DCR
0
0
DIR
INT
enable
-SLCTIN
INIT
-AUTO-
FD
-STROBE
0
0
1
1
EPP-APort
AP-7
AP-6
AP-5
AP-4
AP-3
AP-2
AP-1
AP-0
1
0
0
0
EPP-DPort
PDA-7
PDA-6
PDA-5
PDA-4
PDA-3
PDA-2
PDA-1
PDA-0
0
1
0
1
EPP-DPort
PDB-7
PDB-6
PDB-5
PDB-4
PDB-3
PDB-2
PDB-1
PDB-0
0
1
1
0
EPP-DPort
PDC-7
PDC-6
PDC-5
PDC-4
PDC-3
PDC-2
PDC-1
PDC-0
0
1
1
1
EPP-DPort
PDD-7
PDD-6
PDD-5
PDD-4
PDD-3
PDD-2
PDD-1
PDD-0
1
X
0
0
CONF-A
ECP
INT type
0
0
1
0
FIFO-F
0
0
1
X
0
1
CONF-B
RLE
IRQ
Input
IRQ
Sel-2
IRQ
Sel-1
IRQ
Sel-0
DMA
Sel-2
DMA
Sel-1
DMA
Sel-0
1
X
1
0
ECR
MODE
Sel-2
MODE
Sel-1
MODE
Sel-0
FAULT
enable
DMA
En/Dis
Service
INT
FIFO
full
FIFO
empty
A10 A2
A1
A0 REGISTER
D7D6D5D4D3D2D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com