Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXHF1200 Datasheet(PDF) 1 Page - API Delevan

Part # BXHF1200
Description  High Frequency Millimeter-wave Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1200 Datasheet(HTML) 1 Page - API Delevan

  BXHF1200 Datasheet HTML 1Page - API Delevan BXHF1200 Datasheet HTML 2Page - API Delevan BXHF1200 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
10/27/2014
1
The Model BXHF1200 is standard high frequency amplifier covering 35 GHz to 45 GHz. This two stage design, utilizes a
laser sealed housing for the ultimate in environmental protection. This standard design may also be ordered in a
screened MIL-STD-883 version as a model SXHF1200. All specification ratings are based on measurements in a 50 ohm
system with a DC supply voltage tolerance of +/- 2%.
High Frequency Millimeter-wave Amplifier
Frequency Range: 35 GHz to 45 GHz
Model # BXHF1200
• Millimeter Wave Operation
• Laser Sealed Housing
• Internal Voltage Regulation
• Dual Stage Amplifier
Mechanical & Electrical
Parameter
Specification
Housing Size
1.500” L x 1.060” W x 0.300” H
Housing Drawing
HF2
RF Connectors
2.4 mm Female Replaceable Connectors
Parameter
Unit
Storage Temperature
-55°C to +85°C
Operating Temperature
-40°C to +85°C
DC Voltage @ 25°C
+18 volts
Input Drive @ 25°C (CW)
-5 dBm
Maximum (No Damage) Ratings
Technical Specifications
* Typical values are measured at 25
°C,
but not guaranteed.
Parameter
Unit
Typical
Min/Max
Frequency Range
GHz
35 - 45
35 - 45
Gain
dB
34
30 Min.
Noise Figure
dB
5.0
6.0 Max.
Output Power @ 1 dB
Compression
dBm
+17
+15 Min.
Output 3rd Order Intercept
dBm
+27
---
Output 2nd Order Intercept
dBm
+37
---
Reverse Isolation
dB
50
---
Input VSWR
---
1.75:1
2.0:1 Max.
Output VSWR
---
1.75:1
2.0:1 Max.
Supply Voltage
volts
+12 to +15
+12 to +15
Supply Current
mA
300
325


Similar Part No. - BXHF1200

ManufacturerPart #DatasheetDescription
logo
API Delevan
BXHF1201 API-BXHF1201 Datasheet
462Kb / 3P
High Frequency Microwave Amplifier
BXHF1202 API-BXHF1202 Datasheet
536Kb / 3P
High Frequency Microwave Amplifier
More results

Similar Description - BXHF1200

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTA-6430A1 CPI-VTA-6430A1 Datasheet
102Kb / 2P
Millimeter Wave Coupled Cavity TWT
logo
Marki Microwave
MMD-2050HSM MARKIMICROWAVE-MMD-2050HSM Datasheet
661Kb / 9P
GaAs MMIC Millimeter Wave Doubler
MMD-2050LSM MARKIMICROWAVE-MMD-2050LSM Datasheet
696Kb / 9P
GaAs MMIC Millimeter Wave Doubler
MMD-2060H MARKIMICROWAVE-MMD-2060H Datasheet
432Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-2060L MARKIMICROWAVE-MMD-2060L Datasheet
450Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-3580L MARKIMICROWAVE-MMD-3580L Datasheet
496Kb / 10P
GaAs MMIC Millimeter Wave Doubler
logo
Mini-Circuits
K1-LFCN-MMW+ MINI-K1-LFCN-MMW+ Datasheet
303Kb / 1P
Millimeter-Wave Low Pass Filters
REV. OR
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
logo
Mini-Circuits
RC-2MTS-50 MINI-RC-2MTS-50 Datasheet
832Kb / 7P
Millimeter Wave Switch Matrix
REV. A
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com