Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271EG Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # TOP271EG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271EG Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button TOP271EG Datasheet HTML 26Page - Power Integrations, Inc. TOP271EG Datasheet HTML 27Page - Power Integrations, Inc. TOP271EG Datasheet HTML 28Page - Power Integrations, Inc. TOP271EG Datasheet HTML 29Page - Power Integrations, Inc. TOP271EG Datasheet HTML 30Page - Power Integrations, Inc. TOP271EG Datasheet HTML 31Page - Power Integrations, Inc. TOP271EG Datasheet HTML 32Page - Power Integrations, Inc. TOP271EG Datasheet HTML 33Page - Power Integrations, Inc. TOP271EG Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Rev. E 08/12
30
TOP264-271
www.powerint.com
Figure 32. Duty Cycle Measurement.
Figure 33. CONTROL Pin I-V Characteristic.
Figure 34. Drain Current Operating Envelope.
Figure 35. TOPSwitch-JX General Test Circuit.
PI-2039-033001
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
D =
t1
t2
120
100
80
40
20
60
0
5
6
7
8
9
CONTROL Pin Voltage (V)
1
Slope
Dynamic
Impedance
=
PI-5534-072409
5-50 V
S4
40 V
0.1
µF
47
µF
470
Ω
5 W
(X and V Pins)
470
Ω
0-300 k
Ω
0-60 k
Ω
NOTES: 1. This test circuit is not applicable for current limit or output characteristic measurements.
D
S
FX
C
V
C
CONTROL
S1
S3
0-15 V
S2
0.8
1.3
1.2
1.1
0.9
0.8
1.0
0
0
1
2
6
8
3
Time (
µs)
4
5
7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
IINIT(MIN)
tLEB (Blanking Time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com