Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YAV26L3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # YAV26L3
Description  YAV26L3 2/0 HVYDTY RING 1/2 STUD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YAV26L3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  YAV26L3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YAV26L3
YAV26L3
YAV26L3 : 2/0 HVYDTY RING 1/2 STUD
Assistant
Add to Favorites
Email Datasheet
Print Datasheet
FCI Brings You More
Contact our sales/technical support
Sample request
Price request
Approvals / Certifications
Other Features
Approvals / Certifications
UL Listed
Yes
CSA Certified
Yes
Other Features
UPC
78181002573
Specifications


Similar Part No. - YAV26L3

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YAV102TC10 HUBBELL-YAV102TC10 Datasheet
271Kb / 2P
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), #10 Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated.
YAV102TC14 HUBBELL-YAV102TC14 Datasheet
269Kb / 2P
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), 1/4" Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated.
More results

Similar Description - YAV26L3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210437 MOLEX4-0192210437 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Un-Plated, Wide Pad
0190670114 MOLEX4-0190670114 Datasheet
80Kb / 2P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 2/0 AWG Wire, Stud #12
0192210397 MOLEX4-0192210397 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Un-Plated
0192210245 MOLEX4-0192210245 Datasheet
246Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Plated
0192210393 MOLEX4-0192210393 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
0192210372 MOLEX4-0192210372 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 1/2", Plated
0192210234 MOLEX4-0192210234 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/4", Plated
0192210242 MOLEX4-0192210242 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
0192210248 MOLEX4-0192210248 Datasheet
246Kb / 3P
Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 1/2
logo
Hubbell Incorporated.
BURNDY_YA26A3 HUBBELL-BURNDY_YA26A3 Datasheet
262Kb / 2P
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 2/0 AWG, 1/2" Stud, 1-3/4" Stud Hole Spacing, Tin Plated.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com