Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8501 Datasheet(PDF) 1 Page - API Delevan

Part # LC8501
Description  Low Cost RF Amplifier Frequency Range: 10-500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LC8501 Datasheet(HTML) 1 Page - API Delevan

  LC8501 Datasheet HTML 1Page - API Delevan LC8501 Datasheet HTML 2Page - API Delevan LC8501 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
7/14/2014
1
Model LC8501 is a high performance low cost amplifier covering a wide 10-500 MHz bandwidth. This design
utilizes a silicon based active for superior low phase noise performance. This standard model may also be
modified or customized in order to optimize any one particular parameter. All specification ratings are based
on measurements in a 50 Ω (ohm) system with a DC supply voltage tolerance of +/- 2%.
Low Cost RF Amplifier
Model # LC8501
Broad Bandwidth: 10-500 MHz
Low Phase Noise Performance
Low Cost Packaging
Low Noise Figure: 3.0 dB Typical
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
-40°C to +85°C
Housing Size
0.500” L x 0.500” W x 0.300” H
Housing Drawing
LC1
Technical Specifications
Parameter
Unit
Typical
Min/Max
Frequency Range
MHz
10-500
10-500
Gain
dB
11
10
Noise Figure
dB
3.0
3.5
Output Power @ 1 dB
Compression
dBm
8
7
Output 3rd Order Intercept
dBm
21
-
Output 2nd Order Intercept
dBm
31
-
Reverse Isolation
dB
15
-
Input VSWR
---
1.75:1
2.0:1
Output VSWR
---
1.75:1
2.0:1
Supply Voltage
volts
+5
+5
Supply Current
mA
16
20
Frequency Range: 10-500 MHz
Frequency Offset
Phase Noise
(dBc/Hz)
10 Hz
-142
100 Hz
-148
1 kHz
-155
10 kHz
-155
100 kHz
-158
Storage Temperature
-55°C to +85°C
Operating Temperature
-40°C to +85°C
DC Voltage @ 25°C
+8 volts
Input Drive @ 25°C (CW)
+13 dBm
Maximum Ratings
* Typical values are measured at 25
°C,
but not guaranteed.
** Typical values are measured at 500 MHz at
25
°C, and are not guaranteed.
Typical Phase Noise Performance**


Similar Part No. - LC8501

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
LC8500 APLUS-LC8500 Datasheet
144Kb / 3P
Broad Bandwidth: 10-500 MHz
logo
API Delevan
LC8502 API-LC8502 Datasheet
144Kb / 3P
Low Cost RF Amplifier Frequency Range: 10-500 MHz
More results

Similar Description - LC8501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
394Kb / 20P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV.A
logo
Tyco Electronics
MAALSS0025 MACOM-MAALSS0025 Datasheet
226Kb / 4P
High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
logo
Analog Devices
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
logo
Tyco Electronics
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
Product Type: Broadband RF Amplifier Frequency: 5 to 500 MHz
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
API Delevan
LC8502 API-LC8502 Datasheet
144Kb / 3P
Low Cost RF Amplifier Frequency Range: 10-500 MHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Analog Devices
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com