Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8502 Datasheet(PDF) 1 Page - API Delevan

Part # LC8502
Description  Low Cost RF Amplifier Frequency Range: 10-500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LC8502 Datasheet(HTML) 1 Page - API Delevan

  LC8502 Datasheet HTML 1Page - API Delevan LC8502 Datasheet HTML 2Page - API Delevan LC8502 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
7/14/2014
1
Model LC8502 is a high performance low cost amplifier covering a wide 10-500 MHz bandwidth. This design
utilizes a silicon based active for superior low phase noise performance. This standard model may also be
modified or customized in order to optimize any one particular parameter. All specification ratings are based
on measurements in a 50 Ω (ohm) system with a DC supply voltage tolerance of +/- 2%.
Low Cost RF Amplifier
Model # LC8502
Broad Bandwidth: 10-500 MHz
Low Phase Noise Performance
Low Cost Packaging
Higher 1 dB Compression Point : +13 dBm Typical
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
-40°C to +85°C
Housing Size
0.500” L x 0.500” W x 0.300” H
Housing Drawing
LC1
Technical Specifications
Parameter
Unit
Typical
Min/Max
Frequency Range
MHz
10-500
10-500
Gain
dB
23
20
Noise Figure
dB
3.0
3.6
Output Power @ 1 dB
Compression
dBm
13
12
Output 3rd Order Intercept
dBm
22
-
Output 2nd Order Intercept
dBm
45
-
Reverse Isolation
dB
30
-
Input VSWR
---
1.75:1
2.0:1
Output VSWR
---
1.75:1
2.0:1
Supply Voltage
volts
+5
+5
Supply Current
mA
50
60
Frequency Range: 10-500 MHz
Frequency Offset
Phase Noise
(dBc/Hz)
10 Hz
-145
100 Hz
-151
1 kHz
-156
10 kHz
-157
100 kHz
-157
** Typical values are measured at 500
MHz at 25
°C, and are not guaranteed.
Typical Phase Noise Performance**
Maximum Ratings
Storage Temperature
-55°C to +85°C
Operating Temperature
-40°C to +85°C
DC Voltage @ 25°C
+8 volts
Input Drive @ 25°C (CW)
+13 dBm
* Typical values are measured at 25
°C,
but not guaranteed.


Similar Part No. - LC8502

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
LC8500 APLUS-LC8500 Datasheet
144Kb / 3P
Broad Bandwidth: 10-500 MHz
logo
API Delevan
LC8501 API-LC8501 Datasheet
144Kb / 3P
Low Cost RF Amplifier Frequency Range: 10-500 MHz
More results

Similar Description - LC8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
394Kb / 20P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV.A
logo
Tyco Electronics
MAALSS0025 MACOM-MAALSS0025 Datasheet
226Kb / 4P
High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
logo
Analog Devices
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
logo
Tyco Electronics
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
Product Type: Broadband RF Amplifier Frequency: 5 to 500 MHz
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
API Delevan
LC8501 API-LC8501 Datasheet
144Kb / 3P
Low Cost RF Amplifier Frequency Range: 10-500 MHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
Analog Devices
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com