Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3282AS2 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3282AS2
Description  Octal Low Side Power Driver with Serial Bus Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3282AS2 Datasheet(HTML) 2 Page - Intersil Corporation

  CA3282AS2 Datasheet HTML 1Page - Intersil Corporation CA3282AS2 Datasheet HTML 2Page - Intersil Corporation CA3282AS2 Datasheet HTML 3Page - Intersil Corporation CA3282AS2 Datasheet HTML 4Page - Intersil Corporation CA3282AS2 Datasheet HTML 5Page - Intersil Corporation CA3282AS2 Datasheet HTML 6Page - Intersil Corporation CA3282AS2 Datasheet HTML 7Page - Intersil Corporation CA3282AS2 Datasheet HTML 8Page - Intersil Corporation CA3282AS2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings
Thermal Information
Output Voltage, VO (Note 1) . . . . . . . . . . . . . . . . . . . . . VOC (Clamp)
Output Load Current, ILOAD (Per Output, Individual) . . . . . . . . . 1A
Output Load Current, ILOAD (All 8 Outputs ON, Equal IOUT) . . . . .
0.625A
Output Load Current, ILOAD (Max. Total of Outputs ON) . . . . 5.0A
DC Logic Supply, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.7 to +7V
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . -40oC to 125oC
Junction Temperature Range . . . . . . . . . . . . . . . . . -40oC to 150oC
Thermal Resistance (Typical, Note 2)
θJA(oC/W) θJC(oC/W)
Plastic SIP
No Heat Sink . . . . . . . . . . . . . . . . . . .
45
N/A
Infinite Heat Sink . . . . . . . . . . . . . . . . .
N/A
3
Power Dissipation
Up to 125oC w/o Heat Sink . . . . . . . . . . . . . . . . . . . . . . . . 0.56W
Above 125oC w/o Heat Sink . . . . . . .Derate Linearly at 22mW/oC
Up to 125oC w/Infinite Heat Sink . . . . . . . . . . . . . . . . . . . . 8.33W
Above 125oC w/Infinite Heat Sink. . . . Derate Linearly at 333mW/oC
Maximum Storage Temperature Range . . . . . . . . . -55oC to 150oC
Maximum Lead Temperature (Soldering, 10s). . . . . . . . . . . . . . . 265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The MOSFET Output Drain is internally clamped with a Drain-to-Gate zener diode that turns-on the MOSFET; holding the Drain at the
Output Clamp Voltage, VOC.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = 5V, TA = -40
oC to 125oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Supply Current, ON
IDD
All Outputs ON, 0.5A Load Per Output
-
5
10
mA
Quiescent Supply Current, OFF
IDD
All Outputs OFF
-
0.2
-
mA
Output Clamping Voltage
VOC
ILOAD = 0.5A, Output Programmed OFF
27
32
40
V
Output Clamping Energy
EOC
ILOAD = 0.5A, Output ON
20
-
-
mJ
Output Leakage Current
IO LEAK
Output Programmed OFF
VO = 24V
-
150
1000
µA
VO = 14V
-
150
500
µA
VO = 5V
-
150
200
µA
Output ON Resistance
rDS(ON)
ILOAD = 0.5A (Note 3)
-
-
1
Ω
Output Current Limit
IO LIMIT
Output Programmed ON, VOUT > 3V
1.05
1.5
-
A
Turn-On Delay
tPHL
IO = 500mA, No Reactive Load
-
1
10
µs
Turn-Off Delay
tPLH
IO = 500mA, No Reactive Load
-
2
10
µs
Fault Reference Voltage
VOREF
Output Programmed ON, Fault Detected
If VO > VOREF
1.6
1.8
2.0
V
Fault Reset Delay (After CE Low
to High Transition)
tUD
See Figure 1
50
80
250
µs
Output OFF Voltage
VOFF
Output Programmed OFF, Output Pin
Floating
-0
1
V
LOGIC INPUTS
(MOSI, CE, SCK and RESET)
Threshold Voltage at Falling
Edge
VT-
VDD = 5V ±10%
0.2VDD
0.3VDD
-V
Threshold Voltage at Rising
Edge
VT+
VDD = 5V ±10%
-
0.6VDD
0.7VDD
V
Hysteresis Voltage
VH
VT+ - VT-
0.85
1.4
2.25
V
Input Current
II
VDD = 5.5V, 0 < VI < VDD
-10
-
+10
µA
Input Capacitance
CI
0 < VI < VDD
-
-
20
pF
LOGIC OUTPUT
(MISO)
Output LOW Voltage
VOL
IOL = 1.6mA
-
0.2
0.4
V
Output HIGH Voltage
VOH
IOL = 0.8mA
VDD
- 1.3V
VDD
- 0.2V
-V
CA3282



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com