Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807W-40 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC807W-40
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC807W-40 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC807W-40 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC807W-40 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BC807W (KC807W)
■
Typical Characterisitics
-0
-300
-600
-900
-1200
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-300
-600
-900
-1200
0
25
50
75
100
125
150
0
50
100
150
200
250
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
10
100
1000
-0.1
-1
-10
1
10
100
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-20
-40
-60
-80
-100
-120
-140
-160
-1
-10
-100
10
100
COMMON EMITTER
V
CE= -1V
V
BE
I
C
——
BESE-EMMITER VOLTAGE V
BE (mV)
-500
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
-500
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
-0.3
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-500
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -1V
-500
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-20
COMMON
EMITTER
T
a=25
℃
-400uA
-360uA
-320uA
-280uA
-240uA
-200uA
-160uA
-120uA
-80uA
I
B= -40uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COMMON EMITTER
V
CE=-5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
500
I
C
f
T
——



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com