Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3306CD Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3306CD
Description  6-Bit, 15 MSPS, Flash A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306CD Datasheet(HTML) 2 Page - Intersil Corporation

  CA3306CD Datasheet HTML 1Page - Intersil Corporation CA3306CD Datasheet HTML 2Page - Intersil Corporation CA3306CD Datasheet HTML 3Page - Intersil Corporation CA3306CD Datasheet HTML 4Page - Intersil Corporation CA3306CD Datasheet HTML 5Page - Intersil Corporation CA3306CD Datasheet HTML 6Page - Intersil Corporation CA3306CD Datasheet HTML 7Page - Intersil Corporation CA3306CD Datasheet HTML 8Page - Intersil Corporation CA3306CD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
4-9
Functional Block Diagram
Typical Application Circuit
ENCODER
LOGIC
COMP
1
VSS
φ1 (AUTO BALANCE)
φ2 (SAMPLE UNKNOWN)
≅50kΩ
CLOCK
VREF-
VREF+
VIN
VDD
φ1
φ1
φ1
φ2
φ2
R
R/2
R
R
R
THREE-STATE
R/2
DQ
CL
DQ
CL
DQ
CL
DQ
CL
DQ
CL
DQ
CL
DQ
CL
AND
LATCHES
COMPARATOR
COMP
2
COMP
32
COMP
63
COMP
64
REF
CENTER
≅120Ω
R
R
PHASE
ZENER
DIODE
VSS
6.2V NOMINAL
OVERFLOW
CE1
CE2
B6 (MSB)
B5
B4
B3
B2
B1 (LSB)
B6
OF
VSS
VZ
CE2
CLK
CE1
PH
VREF+
B5
RC
B3
B2
B4
B1
VDD
VIN
VREF-
CLOCK
CA741CE
+12V
560
Ω
5k
Ω
+5V
6.2V
+12V
0.1
µF
+
-
0.2
µF
10
µF
+5V
SIGNAL
INPUT
DATA
OUTPUT
OF
B6
B5
B4
B3
B2
B1
(LSB)
0.1
µF
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
CA3306
CA3306, CA3306A, CA3306C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com