Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM741C Datasheet(PDF) 2 Page - Intersil Corporation

Part # LM741C
Description  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM741C Datasheet(HTML) 2 Page - Intersil Corporation

  LM741C Datasheet HTML 1Page - Intersil Corporation LM741C Datasheet HTML 2Page - Intersil Corporation LM741C Datasheet HTML 3Page - Intersil Corporation LM741C Datasheet HTML 4Page - Intersil Corporation LM741C Datasheet HTML 5Page - Intersil Corporation LM741C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage
CA741C, CA1458, LM741C, LM1458 (Note 1) . . . . . . . . . . . 36V
CA741, CA1558, LM741 (Note 1) . . . . . . . . . . . . . . . . . . . . . 44V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VSUPPLY
Offset Terminal to V- Terminal Voltage (CA741C, CA741) . . . .
±0.5V
Output Short Circuit Duration. . . . . . . . . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range
CA741, CA1558, LM741 . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CA741C, CA1458, LM741C, LM1458 (Note 2) . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
130
N/A
Can Package . . . . . . . . . . . . . . . . . . . .
155
67
Maximum Junction Temperature (Can Package) . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Values apply for each section of the dual amplifiers.
2. All types in any package style can be operated over the temperature range of -55oC to 125oC, although the published limits for certain electrical
specification apply only over the temperature range of 0oC to 70oC.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Typical Values Intended Only for Design Guidance, VSUPPLY = ±15V
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUE
(ALL TYPES)
UNITS
Input Capacitance
CI
1.4
pF
Offset Voltage Adjustment Range
±15
mV
Output Resistance
RO
75
Ω
Output Short Circuit Current
25
mA
Transient Response
Unity Gain, VI = 20mV, RL = 2kΩ,
CL ≤ 100pF
Rise Time
tr
0.3
µs
Overshoot
O.S.
5.0
%
Slew Rate (Closed Loop)
SR
RL ≥ 2kΩ
0.5
V/
µs
Gain Bandwidth Product
GBWP
RL = 12kΩ
0.9
MHz
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
(NOTE 4)
CA741, CA1558, LM741
(NOTE 4)
CA741C, CA1458, LM741C,
LM1458
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
RS ≤ 10kΩ
25
-
1
5
-
2
6
mV
Full
-
1
6
-
-
7.5
mV
Input Common Mode Voltage Range
25
-
-
-
±12
±13
-
V
Full
±12
±13
----
V
Common Mode Rejection Ratio
RS ≤ 10kΩ
25
-
-
-
70
90
-
dB
Full
70
90
-
-
-
-
dB
Power Supply Rejection Ratio
RS ≤ 10kΩ
25
----
30
150
µV/V
Full
-
30
150
-
-
-
µV/V
Input Resistance
25
0.3
2
-
0.3
2
-
M
Ω
CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com