Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22101F Datasheet(PDF) 3 Page - Harris Corporation

Part # CD22101F
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101F Datasheet(HTML) 3 Page - Harris Corporation

  CD22101F Datasheet HTML 1Page - Harris Corporation CD22101F Datasheet HTML 2Page - Harris Corporation CD22101F Datasheet HTML 3Page - Harris Corporation CD22101F Datasheet HTML 4Page - Harris Corporation CD22101F Datasheet HTML 5Page - Harris Corporation CD22101F Datasheet HTML 6Page - Harris Corporation CD22101F Datasheet HTML 7Page - Harris Corporation CD22101F Datasheet HTML 8Page - Harris Corporation CD22101F Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4-195
CD22101, CD22102
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)
DYNAMIC CROSSPOINTS
Propagation Delay Time,
(Switch ON) Signal Input to Output
tPHL, tPLH
5
-
-
5
5
-
30
60
ns
-
10
10
10
-
15
30
ns
15
15
-
10
20
ns
CL = 50pF; tR , tF = 20ns
Frequency Response (Any Switch
ON)
f3dB
19
1
1
5
10
-
40
-
MHz
Sine Wave Input,
Sine Wave Response (Distortion)
THD
-
1
1
2.5
5
-
1
-
%
1
1
5
10
-
0.25
-
%
1
1
7.5
15
-
0.15
-
%
Feedthrough (All Switches OFF)
FDT
13
1.6
0.6
2 (Note 4)
10
-
-96
-
dB
Sine Wave Input
Frequency for Signal Crosstalk
FCT
12
-
0.6
1 (Note 4)
10
Attenuation of 40dB
Sine Wave Input
-
2.5
-
MHz
Attenuation of 95dB
0.1
kHz
Capacitance:
XN to Ground
CIS
---
-
25
-
pF
YN to Ground
-
-
-
-
60
-
pF
Feedthrough
CIOS
-
-
-
-
0.6
-
pF
DYNAMIC CONTROLS
Propagation Delay Time: High
Impedance to High Level or Low
Level
tPZH, tPZL
6RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
500
1000
ns
Strobe to Output, CD22101
10
-
230
460
ns
15
-
170
340
ns
Data-In to Output, CD22101
tPZH, tPZL
7RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
515
1000
ns
10
-
220
440
ns
15
-
170
340
ns
KA to Output, CD22102
tPZH, tPZL
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
500
1000
ns
10
-
215
430
ns
15
-
160
320
ns
Address to Output
CD22101, CD22102
tPZH, tPZL
8RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
480
960
ns
10
-
225
450
ns
15
-
155
300
ns
20log
V
OS
V
IS
-----------
-3dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com