Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9301 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # APR9301
Description  Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APR9301 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS INC.
-
APR9301
http://www.aplusinc.com.tw
Page
/
10
VER2.3
8
Table 5 APR9301 Bonding Pad Coordinates :
Pin
Pin Name
X – Axis (Note)
Y – Axis (Note)
/CE
Chip Enable
-2496.2
1565.8
OscR
Oscillator Frequency-Setting
Resistor
-2459.55
729.8
NU1
Connect to Ground
-1808.45
-1496.1
VSSD
Digital Ground Supply
-1564.05
-1572
VSSA
Analog Ground Supply
-1384.05
-1548.7
VSSA
Analog Ground Supply
-1204.35
-1477.1
SP+
Non-Inverting Speaker Output
-707.15
-1390
SP-
Inverting Speaker Output
479.15
-1389.9
VCCA
Analog Power Supply
976.45
-1492
VCCA
Analog Power Supply
1190.4
-1523.7
MinIn
Microphone Input
1619.45
-1551.4
MicRef
Microphone Reference Input
2035.45
-1551.4
AGC
Automatic Gain Control
2487.45
-1551.4
AnaIn
Analog Signal Input
2487.45
-1049.9
AnaOut
Analog Signal Output
2487.45
-648.9
/PlayE
Edge-Activated Playback
2493.65
1371.1
/LED
LED Output
1430.7
1565.8
VSSD
Connect to Ground
865.75
1565.8
/RecL
Level-Activated Record
258.15
1565.8
VCCD
Digital Power Supply
-229.4
1579.05
VCCD
Digital Power Supply
-510.8
1541.6
Note: With respect to die center(um)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com