Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY2001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HY2001
Description  DATA SHEET HY2001 30 WATTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HY2001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HY2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers HY2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
HY2001 30 WATTS
The ILP HY2001 Power Amplifier is a fully
encapsulated high quality power amplifier
with Integral Power Supply and heatsink.
By selecting the appropiate mains transformer and the programming link on the
PCB the amplifier can be used with 4 or 8
Ω loads with the automatic adjustment
of input sensitivity.
Mounting can be achieved by the use of T-slots in the heatsink and the nuts and
bolts provided.
• FEATURES
• Programmable 4 or 8Ω
operation
• Integral Power Supply
• Anti-thump Circuitry
• Integral heatsink
• Thermal Protection
• PTH Circuit Board
• Encapsulated
POWER SUPPLY REQUIREMENTS
ILP have developed a range of Hi-Fi quality Low noise Audio Power Toroidal
Transformers for the HY2001 they are Low Profile with Resin filled centres for
maximum noise absorption and ease of mounting. Finished in black to match the
amplifiers these transformers are the ideal choice to power the HY2001.
Mode
Transformer
RMS Supply Voltage
Size
Weight
4
Ω
AT0304
16 - 0 - 16v
90x34mm
0.9Kg
8
Ω
AT0308
20 - 0 - 20v
90x34mm
0.9Kg
SPONG LANE ELMSTED ASHFORD KENT TN25 5JU
PHONE +44 (0)1233 750481 FAX +44 (0)1233 750578
TYPICAL SPECIFICATIONS
Parameter
Value
Output Power
40W rms. Max
Frequency Response (-3dB)
15Hz - 50kHz
Total Harmonic Distortion @ 1kHz
0.005%
Signal to Noise Ratio (DIN AUDIO)
100dB
Slew Rate typical
10V/
µS
Rise Time
5
µS
Input Sensitivity
500mV rms.
Input Impedance
100K
Ω
Damping Factor(8
Ω @ 100Hz)
>400
Load Impedance (programmable)
4 or 8
Ω
Maximum D.C. rails (8
Ω load)
±30V
Size Width x Height x Extrusion Cut
76x100x30mm
Weight
200g


Similar Part No. - HY2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY20017130100AX04 ETC-HY20017130100AX04 Datasheet
4Mb / 32P
Stepper Motors
HY20017130100AX06 ETC-HY20017130100AX06 Datasheet
4Mb / 32P
Stepper Motors
HY20017130100AX08 ETC-HY20017130100AX08 Datasheet
4Mb / 32P
Stepper Motors
HY20017130100BX04 ETC-HY20017130100BX04 Datasheet
4Mb / 32P
Stepper Motors
HY20017130100BX06 ETC-HY20017130100BX06 Datasheet
4Mb / 32P
Stepper Motors
More results

Similar Description - HY2001

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
30 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
25-30 Watts
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
30 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
30 Watts
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
30 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com