Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40109BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD40109BMS
Description  CMOS Quad Low-to-High Voltage Level Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40109BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD40109BMS Datasheet HTML 1Page - Intersil Corporation CD40109BMS Datasheet HTML 2Page - Intersil Corporation CD40109BMS Datasheet HTML 3Page - Intersil Corporation CD40109BMS Datasheet HTML 4Page - Intersil Corporation CD40109BMS Datasheet HTML 5Page - Intersil Corporation CD40109BMS Datasheet HTML 6Page - Intersil Corporation CD40109BMS Datasheet HTML 7Page - Intersil Corporation CD40109BMS Datasheet HTML 8Page - Intersil Corporation CD40109BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-36
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD40109BMS
CMOS Quad Low-to-High Voltage Level Shifter
Description
CD40109BMS contains four low-to-high voltage level shifting
circuits. Each circuit will shift a low voltage digital logic input
signal (A, B, C, D) with logical 1 = VCC and logical 0 = VSS
to a higher voltage output signal (E, F, G, H) with logical
1 = VDD and logical 0 = VSS.
The CD40109BMS, unlike other low-to-high level shifting
circuits, does not require the presence of the high voltage
supply (VDD) before the application of either the low voltage
supply (VCC) or the input signals. There are no restrictions
on the sequence of application of VDD, VCC, or the input
signals. In addition, with one exception there are no
restrictions on the relative magnitudes of the supply voltages
or input signals within the device maximum ratings, provided
that the input signal swings between VSS and at least
0.7VCC; VCC may exceed VDD, and input signals may
exceed VCC and VDD. When operated in the mode
VCC > VDD, the CD40109BMS will operate as a high-to-low
level shifter.
The CD40109BMS also features individual three-state out-
put capability. A low level on any of the separately enabled
three-state output controls produces a high impedance state
in the corresponding output.
The CD40109BMS is supplied in these 16-lead outline
packages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H6W
Features
• High Voltage Type (20V Rating)
• Independence of Power Supply Sequence Considerations
- VCC can Exceed VDD
- Input Signals can Exceed Both VCC and VDD
• Up and Down Level Shifting Capability
• Three-State Outputs with Separate Enable Controls
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VCC = 5V, VDD = 10V
- 2V at VCC = 10V, VDD = 15V
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• High or Low Level Shifting with Three-State Outputs
for Unidirectional or Bidirectional Bussing
• Isolation of Logic Subsystems Using Separate Power
Supplies from Supply Sequencing, Supply Loss and
Supply Regulation Considerations
December 1992
File Number
3196
Pinout
CD40109BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
ENABLE A
A
E
F
B
VSS
ENABLE B
VDD
D
H
NC
G
C
ENABLE C
ENABLE D
Functional Diagram
1 OF 4 UNITS
LEVEL
SHIFTER
LEVEL
SHIFTER
A
ENABLE A
E
VCC
VDD


Similar Part No. - CD40109BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B TI1-CD40109B Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B TI2-CD40109B Datasheet
885Kb / 19P
CMOS Quad Low-to-High Voltage Level Shifter
Revised January 2003
CD40109B-MIL TI1-CD40109B-MIL Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
CD40109B-MIL TI2-CD40109B-MIL Datasheet
885Kb / 19P
CMOS Quad Low-to-High Voltage Level Shifter
Revised January 2003
More results

Similar Description - CD40109BMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
Hex high-to-low level shifter
December 1990
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Jun-1989
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
STMicroelectronics
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
Sep-2002
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
May-2003
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
CMOS Quad Low-to-high Voltage Level Shifter
CD40109B TI1-CD40109B_15 Datasheet
1Mb / 14P
CMOS Quad Low-to-High Voltage Lever Shifter
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
CMOS HEX VOLTAGE-LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com