Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4010BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4010BMS
Description  CMOS Hex Buffer/Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4010BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4010BMS Datasheet HTML 1Page - Intersil Corporation CD4010BMS Datasheet HTML 2Page - Intersil Corporation CD4010BMS Datasheet HTML 3Page - Intersil Corporation CD4010BMS Datasheet HTML 4Page - Intersil Corporation CD4010BMS Datasheet HTML 5Page - Intersil Corporation CD4010BMS Datasheet HTML 6Page - Intersil Corporation CD4010BMS Datasheet HTML 7Page - Intersil Corporation CD4010BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-1
CD4010BMS
CMOS Hex Buffer/Converter
CD4010BMS Hex Buffer/Converter may be used as CMOS
to TTL or DTL logic-level converter or CMOS high-sink-cur-
rent driver.
The CD4050B is the preferred hex buffer replacement for the
CD4010BMS in all applications except multiplexers.The
CD4010BMS is supplied in these 16 lead outline packages:
Features
• Non-Inverting Type
• High-Voltage Type (20V Rating)
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full
Package-Temperature Range;
- 100nA at 18V and +25oC
• 5V, 10V and 15V Parametric Ratings
Applications
• CMOS To DTL/TTL Hex Converter
• CMOS Current “Sink” or “Source” Driver
• CMOS High-to-Low Logic-Level Converter
• Multiplexer - 1 to 6 or 6 to 1
Pinout
CD4010BMS
TOP VIEW
Functional Diagram
Braze Seal DIP
H4S
Frit Seal DIP
H1E
Ceramic Flatpack H6W
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
VDD
F
NC
K = E
E
J = D
D
L = F
NC = NO CONNECTION
13
NC
VCC
VSS
VDD
1
8
16
A
32
G = A
F
14
15
L = F
B
54
H = B
C
76
I = C
D
910
J = D
E
11
12
K = E
NC = NO CONNECTION
November 1994
File Number
3078
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - CD4010BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010BM TI-CD4010BM Datasheet
304Kb / 12P
CMOS HEX BUFFERS/CONVERTERS
CD4010BM TI-CD4010BM Datasheet
1Mb / 18P
CMOs Hex Buffers/Converters
CD4010BM TI1-CD4010BM Datasheet
1Mb / 17P
CMOS Hex Buffers/Converters
CD4010BM TI2-CD4010BM Datasheet
1Mb / 21P
CMOS Hex Buffers/Converters
Revised October 2003
CD4010BM.A TI2-CD4010BM.A Datasheet
1Mb / 21P
CMOS Hex Buffers/Converters
Revised October 2003
More results

Similar Description - CD4010BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
CMOS HEX BUFFER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
CMOS HEX BUFFER/CONVERTER
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
Cmos Hex Buffer
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com