Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1298-Y Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1298-Y
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1298-Y Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1298-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1298-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1298
■
Typical Characterisitics
-0
-1
-2
-3
-4
-5
-0
-20
-40
-60
-80
-100
-120
-140
0
0
1
-
0
1
-
1
-
-200
-400
-600
-800
-1000
0
0
1
-
0
1
-
1
-
-10
-100
-1000
0
1
-
1
-
1
.
0
-
1
10
100
0
0
1
-
0
1
-
1
-
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
-0
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
0
0
1
-
0
1
-
1
-
-1
-10
-100
-1000
COMMON
EMITTER
T
a=25
℃
-450uA
-400uA
-350uA
-300uA
-250uA
-200uA
-150uA
-100uA
I
B=-50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COLLECTOR CURRENT I
C
(mA)
β=25
Ta=25℃
Ta=100℃
I
C
V
BEsat
——
-800
COLLECTOR CURRENT I
C
(mA)
V
CE=-1V
Ta=25
oC
Ta=100
oC
I
C
h
FE
——
-800
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
Ta=25
oC
V
CB/ VEB
C
ob/ Cib
——
-20
I
C
VCE=-5V
Ta=25
oC
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
f
T
——
VCE=-1V
Ta=100℃
Ta=25℃
I
C
V
BE
——
BASE-EMMITER VOLTAGE V
BE
(mV)
-800
COLLECTOR CURRENT I
C
(mA)
β=25
Ta=100℃
Ta=25℃
I
C
V
CEsat
——
-800



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com