Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT646TSOB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT74FCT646TSOB
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646TSOB Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT74FCT646TSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT646TSOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.20
9
ORDERING INFORMATION
IDT
XX
FCT
XXXX
Device Type
X
Package
X
Process/
Temperature
Range
Blank
B
P
D
SO
L
E
PY
Q
PG
646T
648T
652T
646AT
648AT
652AT
646CT
648CT
652CT
646DT
652DT
Commercial
MIL-STD-883, Class B
Plastic DIP (P24-1)
CERDIP (D24-1)
Small Outline IC (SO24-2)
Leadless Chip Carrier (L28-1)
CERPACK (E24-1)
Shrink Small Outline Package (SO24-7)
Quarter-size Small Outline Package (SO24-8)
Thin Shrink Small Outline Package (SO24-9)
Non-inverting Octal Transceiver/Register
Inverting Octal Transceiver/Register
Inverting Octal Transceiver/Register
Non-inverting Octal Transceiver/Register
2634 drw 15
Temperature
Range
54
74
–55
°C to +125°C
–40
°C to +85°C
X
Family
Blank
2
High Drive
Balanced Drive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com