Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4019BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4019BMS
Description  CMOS Quad AND/OR Select Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4019BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4019BMS Datasheet HTML 1Page - Intersil Corporation CD4019BMS Datasheet HTML 2Page - Intersil Corporation CD4019BMS Datasheet HTML 3Page - Intersil Corporation CD4019BMS Datasheet HTML 4Page - Intersil Corporation CD4019BMS Datasheet HTML 5Page - Intersil Corporation CD4019BMS Datasheet HTML 6Page - Intersil Corporation CD4019BMS Datasheet HTML 7Page - Intersil Corporation CD4019BMS Datasheet HTML 8Page - Intersil Corporation CD4019BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-307
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4019BMS
CMOS Quad AND/OR Select Gate
Pinout
CD4019BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B4
A3
B3
A2
B2
A1
VSS
B1
VDD
Kb
D4 = A4 Ka + B4 Kb
D3 = A3 Ka + B3 Kb
D2 = A2 Ka + B2 Kb
D1 = A1 Ka + B1 Kb
Ka
A4
14
916
VDD
VSS
11
10
12
1
15
D3
D2
D1
8
2
13
D4
A4
3
4
5
6
7
B4
A3
B3
A2
B2
A1
B1
D4 = (A4 Ka) + (B4 Kb)
Ka Kb
Features
• High Voltage Type (20V Rating)
• Medium Speed Operation tPHL = tPLH = 60ns (typ.) at
CL = 50pF, VDD = 10V
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
• Maximum Input Current of 1
µa at 18V Over Full Pack-
age-Temperature Range;
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
Applications
• And/Or Select Gating
• Shift-Right/Shift-Left Registers
• True/Complement Selection
• AND/OR/Exclusive-OR Selection
Description
CD4019BMS types consist of four AND/OR select gate con-
figurations, each consisting of two 2-input AND gates driving
a single 2-input OR gate. Selection is accomplished by con-
trol bits Ka and Kb. In addition to selection of either channel
A or channel B information, the control bits can be applied
simultaneously to accomplish the logical A + B function.
The CD4019BMS is supplied in these 16-lead outline pack-
ages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H3X
November 1994
File Number
3299


Similar Part No. - CD4019BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
Quad AND-OR Select Gate
logo
Texas Instruments
CD4019BM TI-CD4019BM Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
CD4019BM TI1-CD4019BM Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4019BM TI2-CD4019BM Datasheet
925Kb / 20P
CMOS Quaa AND/OR Select Gate High-Voltage Types (20-Volt Rating)
Revised October 2003
CD4019BM96 TI-CD4019BM96 Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
More results

Similar Description - CD4019BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
QUAD AND/OR SELECT GATE
Jun-1989
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
Quad AND/OR Select Gate
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
Quad AND-OR Select Gate
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
Quad AND-OR Select Gate
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
QUAD AND OR SELECT GATE
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
Quad AND/OR Select Gate
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
QUAD AND/OR SELECT GATE
Sep-2001
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com