Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4040BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4040BMS
Description  CMOS Ripple-Carry Binary Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4040BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4040BMS Datasheet HTML 2Page - Intersil Corporation CD4040BMS Datasheet HTML 3Page - Intersil Corporation CD4040BMS Datasheet HTML 4Page - Intersil Corporation CD4040BMS Datasheet HTML 5Page - Intersil Corporation CD4040BMS Datasheet HTML 6Page - Intersil Corporation CD4040BMS Datasheet HTML 7Page - Intersil Corporation CD4040BMS Datasheet HTML 8Page - Intersil Corporation CD4040BMS Datasheet HTML 9Page - Intersil Corporation CD4040BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7-364
Specifications CD4020BMS, CD4024BMS, CD4040BMS
Static Burn-In 2
Note 1
3 - 6, 8 - 13
7
1, 2, 14
Dynamic Burn-
In Note 1
8, 10, 13
2, 7
14
3 - 6, 9, 11, 12
1
Irradiation
Note 2
3 - 6, 8 - 13
7
1, 2, 14
PART NUMBER CD4040BMS
Static Burn-In 1
Note 1
1 - 7, 9, 12 - 15
8, 10, 11
16
Static Burn-In 2
Note 1
1 - 7, 9, 12 - 15
8
10, 11, 16
Dynamic Burn-
In Note 1
-
8, 11
16
1 - 7, 9, 12 - 15
10
Irradiation
Note 2
1 - 7, 9, 12 - 15
8
10, 11, 16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
Functional Diagrams
CD4020BMS
CD4024BMS
CD4040BMS
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
(Continued)
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
INPUT
RESET
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
VSS
VDD
10
11
9
7
5
4
6
13
12
14
16
8
PULSES
Q1
15
1
2
3
Q12
Q13
Q14
14 STAGE
RIPPLE
COUNTER
INPUT
Q1
Q2
Q3
Q4
Q5
Q6
VSS
VDD
12
11
9
6
5
14
7
PULSES
4
3
Q7
7 STAGE
RIPPLE
COUNTER
RESET
1
2
NC = 8, 10, 13
INPUT
RESET
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
VSS
VDD
10
11
9
7
6
5
3
2
4
13
16
8
PULSES
Q1
12
14
15
1
Q10
Q11
Q12
12 STAGE
RIPPLE
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com