Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7891AS-2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7891AS-2
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891AS-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7891AS-2 Datasheet HTML 3Page - Analog Devices AD7891AS-2 Datasheet HTML 4Page - Analog Devices AD7891AS-2 Datasheet HTML 5Page - Analog Devices AD7891AS-2 Datasheet HTML 6Page - Analog Devices AD7891AS-2 Datasheet HTML 7Page - Analog Devices AD7891AS-2 Datasheet HTML 8Page - Analog Devices AD7891AS-2 Datasheet HTML 9Page - Analog Devices AD7891AS-2 Datasheet HTML 10Page - Analog Devices AD7891AS-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7891
–7–
REV. D
PARALLEL INTERFACE MODE FUNCTIONS
PLCC Pin No.
MQFP Pin No. Mnemonic
Description
8, 31
2, 25
NC
No Connect. The two NC pins on the device can be left unconnected. If they
are to be connected to a voltage, it should be to ground potential. To ensure
correct operation of the AD7891, neither of the NC pins should be connected
to a logic high potential.
29
23
CS
Chip Select Input. Active low logic input that is used in conjunction with to
enable the data outputs and with
WR to allow input data to be written to the part.
28
22
RD
Read Input. Active low logic input that is used in conjunction with
CS low to
enable the data outputs.
27
21
WR
Write Input. Active low logic input used in conjunction with
CS to latch the mul-
tiplexer address and software control information. The rising edge of this input
also initiates an internal pulse. When using the software start facility, this pulse
delays the point at which the track/hold goes into hold and conversion is initiated.
This allows the multiplexer to settle and the acquisition time of the track/hold to
elapse when a channel address is changed. If the SWCON bit of the control regis-
ter is set to 1, when this pulse times out, the track/hold then goes into hold and
conversion is initiated. If the SWCON bit of the control register is set to 0, the
track/hold and conversion sequence are unaffected by
WR operation.
Data I/O Lines
There are 12 data input/output lines on the AD7891. When the part is configured for parallel mode (MODE = 1), the output data
from the part is provided at these 12 pins during a read operation. For a write operation in parallel mode, these lines provide access
to the part’s control register.
Parallel Read Operation
During a parallel read operation, the 12 lines become the 12 data bits containing the conversion result from the AD7891. These
data bits are labelled Data Bit 0 (LSB) to Data Bit 11 (MSB). They are three-state, TTL compatible outputs. Output data coding
is twos complement when the data FORMAT bit of the control register is 1, and straight binary when the data FORMAT bit of
the control register is 0.
PLCC Pin No.
MQFP Pin No. Mnemonic
Description
13 to 18,
7 to 12,
DB0 to DB11 Data Bit 0 (LSB) to Data Bit 11 (MSB). Three-state TTL compatible
21 to 26
15 to 20
outputs that are controlled by the
CS and RD inputs.
Parallel Write Operation
During a parallel write operation, the following functions can be written to the control register via the 12 data input/output pins.
PLCC Pin No.
MQFP Pin No. Mnemonic
Description
23
17
A0
Address Input. The status of this input during a parallel write operation is
latched to the A0 bit of the control register (see Control Register section).
22
16
A1
Address Input. The status of this input during a parallel write operation is
latched to the A1 bit of the control register (see Control Register section).
21
15
A2
Address Input. The status of this input during a parallel write operation is
latched to the A2 bit of the control register (see Control Register section).
24
18
SWCON
Software Conversion Start. The status of this input during a parallel write
operation is latched to the SWCONV bit of the control register (see Control
Register section).
25
19
SWSTBY
Software Standby Control. The status of this input during a parallel write
operation is latched to the SWSTBY bit of the control register (see Control
Register section).
26
20
FORMAT
Data Format Selection. The status of this input during a parallel write operation is
latched to the FORMAT bit of the control register (see Control Register section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com