Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4063BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4063BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4063BMS Datasheet(HTML) 7 Page - Intersil Corporation

  CD4063BMS Datasheet HTML 1Page - Intersil Corporation CD4063BMS Datasheet HTML 2Page - Intersil Corporation CD4063BMS Datasheet HTML 3Page - Intersil Corporation CD4063BMS Datasheet HTML 4Page - Intersil Corporation CD4063BMS Datasheet HTML 5Page - Intersil Corporation CD4063BMS Datasheet HTML 6Page - Intersil Corporation CD4063BMS Datasheet HTML 7Page - Intersil Corporation CD4063BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-964
CD4063BMS
Typical Performance Characteristics
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE (“COMPARING INPUTS” TO OUTPUTS)
FIGURE 8. TYPICAL PROPAGATION DELAY TIME vs SUPPLY
VOLTAGE (“COMPARING INPUTS” TO OUTPUTS)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
20
0
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
100
200
300
400
500
600
700
10
30
40
50
60
70
80
90
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) (V)
1750
0
1500
1250
1000
750
500
250
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
LOAD CAPACITANCE (CL) = 50pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com