Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066BMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4066BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4066BMS Datasheet(HTML) 3 Page - Intersil Corporation

  CD4066BMS Datasheet HTML 1Page - Intersil Corporation CD4066BMS Datasheet HTML 2Page - Intersil Corporation CD4066BMS Datasheet HTML 3Page - Intersil Corporation CD4066BMS Datasheet HTML 4Page - Intersil Corporation CD4066BMS Datasheet HTML 5Page - Intersil Corporation CD4066BMS Datasheet HTML 6Page - Intersil Corporation CD4066BMS Datasheet HTML 7Page - Intersil Corporation CD4066BMS Datasheet HTML 8Page - Intersil Corporation CD4066BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7-968
Specifications CD4066BMS
Control Input Low
Voltage (Note 2)
|IIS| < 10
µa, VIS = VSS,
VOS = VDD and
VIS = VDD, VOS = VSS
VILC5
VDD = 5V
1, 2, 3
+25oC, +125oC, -55oC-
1
V
VILC15
VDD = 15V
1, 2, 3
+25oC, +125oC, -55oC-
2
V
Control Input High
Voltage
(Note 2, Figure 2)
VIS = VSS and VIS =
VDD
VIHC
VDD = 5V, |IIS| = .51mA, 4.6V <
VOS < 0.4V
1
+25oC
3.5
-
V
VDD = 5V, |IIS| = .36mA, 4.6V <
VOS < 0.4V
2
+125oC
3.5
-
V
VDD = 5V, |IIS| = .64mA, 4.6V <
VOS < 0.4V
3
-55oC
3.5
-
V
VIHC
VDD = 15V, |IIS| = 3.4mA, 13.5V <
VOS <1.5V
1
+25oC11
-
V
VDD = 15V, |IIS| = 2.4mA, 13.5V <
VOS < 1.5V
2
+125oC11
-
V
VDD = 15V, |IIS| = 4.2mA, 13.5V <
VOS <1.5V
3
-55oC11
-
V
NOTES: 1. All voltages referenced to device GND, 100% testing being
implemented.
2. Go/No Go test with limits applied to inputs.
3. VDD = 2.8V/3.0V, RL = 100K to VDD
VDD = 20V/18V, RL = 10K to VDD
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Signal Input to Signal
Output
TPLH
TPHL
VC = VDD = 5V, VSS = GND
(Notes 2, 3)
9
+25oC
-
40
ns
10, 11
+125oC, -55oC
-
54
ns
Propagation Delay
Turn-On, Turn-Off
TPHZ/ZH
TPLZ/ZL
VIS = VDD = 5V (Notes 1, 2)
9
+25oC
-
70
ns
10, 11
+125oC, -55oC
-
95
ns
NOTES:
1. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC
-
0.25
µA
+125oC
-
7.5
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC
-
0.5
µA
+125oC-
15
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC
-
0.5
µA
+125oC-
30
µA
Control Input Low
Voltage
|IIS| < 10
µa, VIS = VSS,
VOS = VDD and
VIS = VDD, VOS = VSS
VILC10
VDD = 10V
1, 2
+25oC, +125oC,
-55oC
-2
V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com