Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4095BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4095BMS
Description  CMOS Gated J-K Master-Slave Flip-Flops
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4095BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4095BMS Datasheet HTML 2Page - Intersil Corporation CD4095BMS Datasheet HTML 3Page - Intersil Corporation CD4095BMS Datasheet HTML 4Page - Intersil Corporation CD4095BMS Datasheet HTML 5Page - Intersil Corporation CD4095BMS Datasheet HTML 6Page - Intersil Corporation CD4095BMS Datasheet HTML 7Page - Intersil Corporation CD4095BMS Datasheet HTML 8Page - Intersil Corporation CD4095BMS Datasheet HTML 9Page - Intersil Corporation CD4095BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7-1099
Specifications CD4095BMS, CD4096BMS
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
CD4095BMS
Static Burn-In 1
Note 1
1, 6, 8
2-5, 7, 9-13
14
Static Burn-In 2
Note 1
1, 6, 8
7
2-5, 9-14
Dynamic Burn-
In Note 1
1
2, 7, 13
3-5, 9-11, 14
6, 8
-
12
Irradiation
Note 2
1, 6, 8
7
2-5, 9-14
CD4096BMS
Static Burn-In 1
Note 1
1, 6, 8
2-5, 7, 9-13
14
Static Burn-In 2
Note 1
1, 6, 8
7
2-5, 9-14
Dynamic Burn-
In Note 1
1
2, 5, 7, 9, 13
3, 4, 10, 11, 14
6, 8
12
Irradiation
Note 2
1, 6, 8
7
2-5, 9-14
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD
= 10V
± 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com