Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4511BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4511BMS
Description  CMOS BCD-to-7-Segment Latch Decoder Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4511BMS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD4511BMS Datasheet HTML 3Page - Intersil Corporation CD4511BMS Datasheet HTML 4Page - Intersil Corporation CD4511BMS Datasheet HTML 5Page - Intersil Corporation CD4511BMS Datasheet HTML 6Page - Intersil Corporation CD4511BMS Datasheet HTML 7Page - Intersil Corporation CD4511BMS Datasheet HTML 8Page - Intersil Corporation CD4511BMS Datasheet HTML 9Page - Intersil Corporation CD4511BMS Datasheet HTML 10Page - Intersil Corporation CD4511BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7-1176
CD4511BMS
01101100011111
01101111110000
01110001111111
01110011110011
01110100000000
Blank
01110110000000
Blank
01111000000000
Blank
01111010000000
Blank
01111100000000
Blank
01111110000000
Blank
1
1
1
XXXX
*
*
X = Don’t Care
* Depends on BCD code previously applied when LE = 0
NOTE: Display is blank for all illegal input codes (BCD > 1001).
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. TYPICAL DATA-TO-OUTPUT, LOW-TO-HIGH-LEVEL
PROPAGATION DELAY TIME AS A FUNCTION OF
LOAD CAPACITANCE
TRUTH TABLE (Continued)
LE
BI
LT
D
C
B
A
abcde
f
g
DISPLAY
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
700
600
500
400
300
200
100
0
25
50
75
100
LOAD CAPACITANCE (CL) (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com