Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4518BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4518BMS
Description  CMOS Dual Up Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4518BMS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD4518BMS Datasheet HTML 2Page - Intersil Corporation CD4518BMS Datasheet HTML 3Page - Intersil Corporation CD4518BMS Datasheet HTML 4Page - Intersil Corporation CD4518BMS Datasheet HTML 5Page - Intersil Corporation CD4518BMS Datasheet HTML 6Page - Intersil Corporation CD4518BMS Datasheet HTML 7Page - Intersil Corporation CD4518BMS Datasheet HTML 8Page - Intersil Corporation CD4518BMS Datasheet HTML 9Page - Intersil Corporation CD4518BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7-1213
CD4518BMS, CD4520BMS
FIGURE 9. TYPICAL TRANSITION TIME vs LOAD CAPACITANCE
FIGURE 10. TYPICAL MAXIMUM CLOCK FREQUENCY vs
SUPPLY VOLTAGE
FIGURE 11. TYPICAL POWER DISSIPATION CHARACTERISTICS
Timing Diagrams
FIGURE 12. TIMING DIAGRAMS FOR CD4518BMS AND CD4520BMS
Typical Performance Curves
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
15
10
5
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50PF
FREQUENCY (f) (kHz)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
5V
10V
10V
1
8
6
4
2
10
8
6
4
2
0.1
1
8
6
4
2
10
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
CL = 15pF
CL = 50pF
0
123456789
CLOCK
ENABLE
Q1
Q2
Q3
Q4
RESET
10 11 12 13 14 15 16 17 18
123456789
1
23456789
0
123456789
10 11 12 13 14 15
0
1234
Q1
Q2
Q3
Q4
CD4518BMS
CD4520BMS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com