Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7904 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7904
Description  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7904 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7904_15 Datasheet HTML 17Page - Analog Devices AD7904_15 Datasheet HTML 18Page - Analog Devices AD7904_15 Datasheet HTML 19Page - Analog Devices AD7904_15 Datasheet HTML 20Page - Analog Devices AD7904_15 Datasheet HTML 21Page - Analog Devices AD7904_15 Datasheet HTML 22Page - Analog Devices AD7904_15 Datasheet HTML 23Page - Analog Devices AD7904_15 Datasheet HTML 24Page - Analog Devices AD7904_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD7904/AD7914/AD7924
Rev. C | Page 21 of 32
Digital Inputs
The digital inputs applied to the AD7904/AD7914/AD7924 can
go to 7 V and are not restricted by the AVDD + 0.3 V limit on the
analog inputs.
Because the SCLK, DIN, and CS inputs are not restricted by the
AVDD + 0.3 V limit, power supply sequencing issues are avoided.
If CS, DIN, or SCLK is applied before AVDD, there is no risk of
latch-up as there would be on the analog inputs if a signal
greater than 0.3 V is applied prior to AVDD.
VDRIVE
The AD7904/AD7914/AD7924 also include the VDRIVE feature.
VDRIVE controls the voltage at which the serial interface operates.
VDRIVE allows the ADC to easily interface to both 3 V and 5 V
processors. For example, if the AD7904/AD7914/AD7924 are
operated with a VDD of 5 V, the VDRIVE pin can be powered
from a 3 V supply. The AD7904/AD7914/AD7924 have better
dynamic performance with a VDD of 5 V while still being able to
interface to 3 V processors. Care should be taken to ensure that
VDRIVE does not exceed AVDD by more than 0.3 V (see the
Absolute Maximum Ratings section).
Reference
An external reference source should be used to supply the 2.5 V
reference to the AD7904/AD7914/AD7924. Errors in the refer-
ence source result in gain errors in the AD7904/AD7914/
AD7924 transfer function and add to the specified full-scale
errors of the part. A capacitor of at least 0.1 µF should be placed
on the REFIN pin. Suitable reference sources for the AD7904/
AD7914/AD7924 include the AD780, REF193, and AD1582.
If 2.5 V is applied to the REFIN pin, the analog input range can
be either 0 V to 2.5 V or 0 V to 5 V, depending on the setting of
the RANGE bit in the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com