Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4585BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4585BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4585BMS Datasheet(HTML) 8 Page - Intersil Corporation

  CD4585BMS Datasheet HTML 1Page - Intersil Corporation CD4585BMS Datasheet HTML 2Page - Intersil Corporation CD4585BMS Datasheet HTML 3Page - Intersil Corporation CD4585BMS Datasheet HTML 4Page - Intersil Corporation CD4585BMS Datasheet HTML 5Page - Intersil Corporation CD4585BMS Datasheet HTML 6Page - Intersil Corporation CD4585BMS Datasheet HTML 7Page - Intersil Corporation CD4585BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-1266
CD4585BMS
FIGURE 9. TYPICAL SPEED CHARACTERISTICS OF A 12-BIT COMPARATOR
Chip Dimensions and Pad Layout
FIGURE 8. TYPICAL DYNAMIC POWER DISSIPATION AS A FUNCTION OF CLOCK INPUT FREQUENCY
Typical Performance Characteristics (Continued)
8
6
4
2
CLOCK INPUT FREQUENCY (fIN) (kHz)
0.1
8
6
4
2
10
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
10V
10V
5V
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
8
6
4
2
1
8
6
4
2
10
8
6
4
2
102
8
6
4
2
103
104
CL = 50pF
CL = 15pF
A4
A5
A6
A7
B4
B5
B6
B7
(A > B)OUT
(A = B)OUT
(A < B)OUT
A0
A1
A2
A3
(A > B)IN
(A = B)IN
(A < B)IN
CD4585BMS
B0
B1
B2
B3
CD4585BMS
A8
A9
A10
A11
B8
B9
B10
B11
CD4585BMS
VDD
VDD
VDD
tp TOTAL = tp (COMPARE)
INPUTS
+ 2 x tp (CASCADE)
INPUTS
, AT VDD = 10V
Dimensions in parenthese are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com