Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4724BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4724BMS
Description  CMOS 8-Bit Addressable Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4724BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4724BMS Datasheet HTML 2Page - Intersil Corporation CD4724BMS Datasheet HTML 3Page - Intersil Corporation CD4724BMS Datasheet HTML 4Page - Intersil Corporation CD4724BMS Datasheet HTML 5Page - Intersil Corporation CD4724BMS Datasheet HTML 6Page - Intersil Corporation CD4724BMS Datasheet HTML 7Page - Intersil Corporation CD4724BMS Datasheet HTML 8Page - Intersil Corporation CD4724BMS Datasheet HTML 9Page - Intersil Corporation CD4724BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7-1272
Specifications CD4724BMS
Logic Diagram
FIGURE 1. LOGIC DIAGRAM OF CD4724BMS AND DETAIL OF 1 OF 8 LATCHES
Static Burn-In 2
Note 1
4 - 7, 9 - 12
8
1 - 3, 13 - 16
Dynamic Burn-
In Note 1
-
1 - 3, 8
16
4 - 7, 9 - 12
14, 15
13
Irradiation
Note 2
4 - 7, 9 - 12
8
1 - 3, 13 - 16
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
LATCH
0
p
n
p
n
D
WD
R
LATCH
1
D
WD
R
LATCH
2
D
WD
R
LATCH
3
D
WD
R
LATCH
4
D
WD
R
LATCH
5
D
WD
R
LATCH
6
D
WD
R
LATCH
7
D
WD
R
4
5
6
7
9
10
11
12
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
A0
A1
A2
A0
A1
A2
A0
A1
A2
A0
A1
A2
A0
A1
A2
A0
A1
A2
A0
A1
A2
A0
A1
A2
A0
A0
A1
A1
A2
A2
D
WD
R
1
2
3
13
14
15
A0
A1
A2
DATA
WRITE
DISABLE
RESET
*
*
*
*
*
*
Q
R
ADDRESS
WD
DATA
VDD
VSS
*ALL INPUTS ARE
PROTECTED BY
COS/MOS PROTECTION
NETWORK
VSS = 8
VDD = 16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com