Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC00F3A Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD54AC00F3A
Description  Quad 2-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC00F3A Datasheet(HTML) 1 Page - Intersil Corporation

  CD54AC00F3A Datasheet HTML 1Page - Intersil Corporation CD54AC00F3A Datasheet HTML 2Page - Intersil Corporation CD54AC00F3A Datasheet HTML 3Page - Intersil Corporation CD54AC00F3A Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Semiconductor
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Exceeds 2kV ESD Protection MIL-STD-883, Method 3015
• Meets JEDEC Standard No. 20
• SCR - Latch-Up-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST/A/S with Significantly Reduced
Power Consumption
• Functionally and Pin-Compatible with Industry 54
Bipolar Types in the FAST, AS and S Series
• Balanced Propagation Delays
• Military Operating Temperature Range
- Ceramic (CERDIP) 54 Series: . . . . . . . . -55 to 125oC
•
±24mA Output Drive Current, Drives 75Ω Lines with-
out Need for Terminations
• Fan Out (Over Temperature)
- ACL Loads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2400
- FAST Loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
- AS Loads. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
• Balanced Noise Immunity at 30% of Supply for AC
Types
• Supply Voltage Range
- AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
- ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
Pinout
Description
The CD54AC00F3A and CD54ACT00F3A are quad 2-input
NAND gates that utilize the Harris Advanced CMOS Logic
technology.
Functional Diagram
1A
1B
1Y
2A
2B
2Y
GND
VCC
4A
4B
4Y
3A
3B
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD54AC00F3A
-55 to 125
14 Ld CERDIP
F14.3
CD54ACT00F3A
-55 to 125
14 Ld CERDIP
F14.3
NOTE:
1. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
TRUTH TABLE
INPUTS
OUTPUTS
AB
Y
LL
H
HLH
LH
H
HH
L
1A
1B
2A
2B
3B
3A
4B
4A
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
GND = 7
VCC = 14
July 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
CD54AC00F3A,
CD54ACT00F3A
Quad 2-Input NAND Gate
File Number
3876.1


Similar Part No. - CD54AC00F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC00F3A TI1-CD54AC00F3A Datasheet
882Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54AC00F3A TI2-CD54AC00F3A Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
CD54AC00F3A TI2-CD54AC00F3A Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
CD54AC00F3A.A TI2-CD54AC00F3A.A Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
CD54AC00F3A.A TI2-CD54AC00F3A.A Datasheet
1Mb / 24P
CDx4AC00 Quadruple 2-Input Positive-nand Gates
REVISED JULY 2024
More results

Similar Description - CD54AC00F3A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com