Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9831 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9831
Description  315/433MHz ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9831 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9831 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Timing Diagram
Note:
CREF output clock frequency is much lower than PLL output frequency. The figure shown above is just for
presentation.
State table:
EN
DIN
PAOUT
CREF
0000
0
1
300~450MHz
143~215Hz
1
0
0
143~215Hz
1
1
300~450MHz
143~215Hz
Note:
PAOUT output frequency is fOSC
´32 and CREF output clock frequency is fOSC/2
16. For example:
PAOUT output frequency is 13.56MHz
´32=433.92MHz and CREF output clock frequency is
13.56MHz/2
16 » 207Hz.
HT9831
Rev. 1.20
4
November 5, 2014
500us
>300ms~500ms
300ms~500ms
500us
300ms~500ms
EN
DIN
PLL
CREF
150Hz/207Hz
10Kbps
315MHz/433MHz
PAOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com