Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1824C Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1824C
Description  32-Word x 8-Bit Static RAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824C Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1824C Datasheet HTML 1Page - Intersil Corporation CDP1824C Datasheet HTML 2Page - Intersil Corporation CDP1824C Datasheet HTML 3Page - Intersil Corporation CDP1824C Datasheet HTML 4Page - Intersil Corporation CDP1824C Datasheet HTML 5Page - Intersil Corporation CDP1824C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-37
Features
• Fast Access Time
-VDD = 5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 710ns
-VDD = 10V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 320ns
• No Precharge or Clock Required
Description
The CDP1824 and CDP1824C are 32-word x 8-bit fully static
CMOS random-access memories for use in CDP-1800
series microprocessor systems. These parts are compatible
with the CDP1802 microprocessor and will interface directly
without additional components.
The CDP1824 is fully decoded and does not require a pre-
charge or clocking signal for proper operation. It has
common input and output and is operated from a single
voltage supply. The MRD signal (output disable control)
enables the three-state output drivers, and overrides the
MWR signal. A CS input is provided for memory expansion.
The CDP1824C is functionally identical to the CDP1824.
The CDP1824 has an operating range of 4V to 10.5V, and
the CDP1824C has an operating voltage range of 4V to
6.5V. The CDP1824 and CDP1824C are supplied in 18 lead
hermetic dual-in-line ceramic packages (D suffix), and in 18
lead dual-in-line plastic packages (E suffix).
Pinout
CDP1824, CDP1824C (PDIP, SBDIP)
TOP VIEW
Ordering Information
5V
10V
PACKAGE
TEMPERATURE RANGE
PKG. NO.
CDP1824CE
CDP1824E
PDIP
-40oC to +85oC
E18.3
CDP1824CEX
CDP1824EX
Burn-In
E18.3
CDP1824CD
CDP1824D
SBDIP
-40oC to +85oC
D18.3
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
VDD
MRD
CS
BUS 0
BUS 1
BUS 2
BUS 3
MWR
BUS 4
MA4
MA3
MA2
MA1
MA0
BUS 7
BUS 5
BUS 6
VSS
OPERATIONAL MODES
FUNCTION
CS
MRD MWR
DATA PINS STATUS
READ
0
0
X
Output: High/Low Dependent
on Data
WRITE
0
1
0
Input: Output Disabled
Not
Selected
1
X
X
Output Disabled:
High-Impedance State
Standby
0
1
1
Output Disabled:
High-Impedance State
Logic 1 = High
Logic 0 = Low
X = Don’t Care
March 1997
CDP1824,
CDP1824C
32-Word x 8-Bit Static RAM
File Number
1103.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1824C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1824C/3 INTERSIL-CDP1824C/3 Datasheet
111Kb / 5P
High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
CDP1824CD3 INTERSIL-CDP1824CD3 Datasheet
111Kb / 5P
High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
More results

Similar Description - CDP1824C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
TC551001CPI TOSHIBA-TC551001CPI Datasheet
588Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
32,768 WORD x 8 BIT STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
131,072 WORD x 8 BIT STATIC RAM
TC551001API TOSHIBA-TC551001API Datasheet
441Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001APL TOSHIBA-TC551001APL Datasheet
462Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
32,768 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com